Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

54LS502 Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 54LS502
Description  8 - BIT SUCCESSIVE APPROXIMATION REGISTER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

54LS502 Datasheet(HTML) 6 Page - National Semiconductor (TI)

  54LS502 Datasheet HTML 1Page - National Semiconductor (TI) 54LS502 Datasheet HTML 2Page - National Semiconductor (TI) 54LS502 Datasheet HTML 3Page - National Semiconductor (TI) 54LS502 Datasheet HTML 4Page - National Semiconductor (TI) 54LS502 Datasheet HTML 5Page - National Semiconductor (TI) 54LS502 Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
MICROCIRCUIT DATA SHEET
MNDM54LS502-X REV 1A0
Revision History
Rev
ECN #
Rel Date
Originator
Changes
1A0
M0002904
08/24/98
Linda Collins
Initial MDS release:MNDM54LS502-X Rev. 1A0. Changed
note 5 (Guaranteed, not tested) in the AC 50pF notes
reference column to note 2 (Screen tested 100% at
+25C, subgroup 9) & to note 4 (Sample tested at +25C,
subgroup 9.
Subgroups 10 & 11 are guaranteed, not
tested). Changed note 2 in the AC 15pF notes reference
column to note 5. Reworded the phrase in note 4 from
'and periodically at +125C & -55C, subgroups 10 & 11'
to 'Subgroups 10 & 11 are guaranteed, not tested'.
6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com