Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCMP372JU3 Datasheet(PDF) 4 Page - World Produts Inc.

Part # PCMP372JU3
Description  Self-healing properties
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WPI [World Produts Inc.]
Direct Link  http://www.worldproducts.com
Logo WPI - World Produts Inc.

PCMP372JU3 Datasheet(HTML) 4 Page - World Produts Inc.

  PCMP372JU3 Datasheet HTML 1Page - World Produts Inc. PCMP372JU3 Datasheet HTML 2Page - World Produts Inc. PCMP372JU3 Datasheet HTML 3Page - World Produts Inc. PCMP372JU3 Datasheet HTML 4Page - World Produts Inc. PCMP372JU3 Datasheet HTML 5Page - World Produts Inc. PCMP372JU3 Datasheet HTML 6Page - World Produts Inc. PCMP372JU3 Datasheet HTML 7Page - World Produts Inc. PCMP372JU3 Datasheet HTML 8Page - World Produts Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Pilkor components
PFC Input Capacitors
PCMP 372
Metallized Polypropylene film capacitors
(MPP)
260
VRdc = 450V & 500V
mini type
CATALOGUE NUMBER
PCMP 372……
loose in box
450V mini
500V mini
lt= 5.0 ± 1.0 mm
lt= 5.0 ± 1.0 mm
Cap.
(㎌)
b x h x l
(mm)
Mass
(g)
C – tol. ± 10%
C – tol. ± 10%
Pitch = 10.0 ± 0.4 mm
dt = 0.6 + 0.06 / -0.05 mm
0.10
4.0 x 10.0 x 12.5
0.8
PCMP 372DR4104
PCMP 372DU4104
0.15
5.0 x 11.0 x 12.5
0.8
PCMP 372DR4154
PCMP 372DU4154
0.22
5.0 x 11.0 x 12.5
0.9
PCMP 372DR4224
PCMP 372DU4224
0.33
6.2 x 12.3 x 12.5
1.0
PCMP 372DR4334
PCMP 372DU4334
Pitch = 15.0 ± 0.4 mm
dt = 0.8 + 0.08 / -0.05 mm
0.22
5.0 x 11.0 x 18.0
1.2
PCMP 372FR4224
PCMP 372FU4224
0.33
5.0 x 11.0 x 18.0
1.2
PCMP 372FR4334
PCMP 372FU4334
0.47
6.0 x 12.0 x 18.0
1.4
PCMP 372FR4474
PCMP 372FU4474
0.56
7.0 x 13.5 x 18.0
1.9
PCMP 372FR4564
PCMP 372FU4564
0.68
8.5 x 15.0 x 18.0
2.6
PCMP 372FR4684
PCMP 372FU4684
0.82
8.5 x 15.0 x 18.0
2.6
PCMP 372FR4824
PCMP 372FU4824
1.0
8.5 x 15.0 x 18.0
2.6
*PCMP 372FR4105
*PCMP 372FU4105
1.0
10.0 x 16.5 x 18.0
3.1
**PCMP 372FR3105
**PCMP 372FU3105
1.5
11.0 x 18.5 x 18.0
4.1
PCMP 372FR4155
PCMP 372FU4155
Pitch = 22.5 ± 0.4 mm
dt = 0.8 + 0.08 / -0.05 mm
0.47
6.0 x 15.5 x 26.0
3.0
PCMP 372JR4474
PCMP 372JU4474
0.56
6.0 x 15.5 x 26.0
3.0
PCMP 372JR4564
PCMP 372JU4564
0.68
6.0 x 15.5 x 26.0
3.0
PCMP 372JR4684
PCMP 372JU4684
0.82
7.0 x 16.5 x 26.0
3.5
PCMP 372JR4824
PCMP 372JU4824
1.0
7.0 x 16.5 x 26.0
3.5
PCMP 372JR4105
PCMP 372JU4105
1.5
8.5 x 18.0 x 26.0
4.4
PCMP 372JR4155
PCMP 372JU4155
2.2
10.0 x 19.5 x 26.0
5.5
PCMP 372JR4225
PCMP 372JU4225
* 10% tolerance products only / ** 5% tolerance products only



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com