Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCMP372JU3 Datasheet(PDF) 5 Page - World Produts Inc.

Part # PCMP372JU3
Description  Self-healing properties
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WPI [World Produts Inc.]
Direct Link  http://www.worldproducts.com
Logo WPI - World Produts Inc.

PCMP372JU3 Datasheet(HTML) 5 Page - World Produts Inc.

  PCMP372JU3 Datasheet HTML 1Page - World Produts Inc. PCMP372JU3 Datasheet HTML 2Page - World Produts Inc. PCMP372JU3 Datasheet HTML 3Page - World Produts Inc. PCMP372JU3 Datasheet HTML 4Page - World Produts Inc. PCMP372JU3 Datasheet HTML 5Page - World Produts Inc. PCMP372JU3 Datasheet HTML 6Page - World Produts Inc. PCMP372JU3 Datasheet HTML 7Page - World Produts Inc. PCMP372JU3 Datasheet HTML 8Page - World Produts Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Pilkor components
PFC Input Capacitors
PCMP 372
Metallized Polypropylene film capacitors
(MPP)
261
VRdc = 630 V
mini type
CATALOGUE NUMBER
PCMP 372……
loose in box
lt= 5.0 ± 1.0 mm
lt= 25.0 ± 2.0 mm
Cap.
(㎌)
b x h x l
(mm)
Mass
(g)
C – tol. ± 10%
C – tol. ± 10%
Pitch = 10.0 ± 0.4 mm
dt = 0.6 + 0.06 / -0.05 mm
0.022
4.0 x 10.0 x 12.5
0.8
PCMP 372DQ4223
PCMP 372DQ6223
0.033
5.0 x 11.0 x 12.5
0.9
PCMP 372DQ4333
PCMP 372DQ6333
0.047
5.0 x 11.0 x 12.5
0.9
PCMP 372DQ4473
PCMP 372DQ6473
0.068
5.0 x 11.0 x 12.5
0.9
PCMP 372DQ4683
PCMP 372DQ6683
0.10
5.0 x 11.0 x 12.5
0.9
PCMP 372DQ4104
PCMP 372DQ6104
0.15
6.0 x 12.0 x 12.5
0.9
PCMP 372DQ4154
PCMP 372DQ6154
0.22
6.2 x 12.3 x 12.5
1.0
PCMP 372DQ4224
PCMP 372DQ6224
Pitch = 15.0 ± 0.4 mm
dt = 0.8 + 0.08 / -0.05 mm
0.10
5.0 x 11.0 x 18.0
1.2
PCMP 372FQ4104
PCMP 372FQ6104
0.15
5.0 x 11.0 x 18.0
1.2
PCMP 372FQ4154
PCMP 372FQ6154
0.22
6.0 x 12.0 x 18.0
1.4
PCMP 372FQ4224
PCMP 372FQ6224
0.33
7.0 x 13.5 x 18.0
1.9
PCMP 372FQ4334
PCMP 372FQ6334
0.47
8.5 x 15.0 x 18.0
2.6
PCMP 372FQ4474
PCMP 372FQ6474
0.68
10.0 x 16.5 x 18.0
3.1
PCMP 372FQ4684
PCMP 372FQ6684
0.82
11.0 x 18.5 x 18.0
4.1
PCMP 372FQ4824
PCMP 372FQ6824
1.0
11.0 x 18.5 x 18.0
4.1
PCMP 372FQ4105
PCMP 372FQ6105
Pitch = 22.5 ± 0.4 mm
dt = 0.8 + 0.08 / -0.05 mm
0.47
7.0 x 16.5 x 26.0
3.5
PCMP 372JQ4474
PCMP 372JQ6474
0.68
7.0 x 16.5 x 26.0
3.5
PCMP 372JQ4684
PCMP 372JQ6684
0.82
8.5 x 18.0 x 26.0
4.4
PCMP 372JQ4824
PCMP 372JQ6824
1.0
8.5 x 18.0 x 26.0
4.4
PCMP 372JQ4105
PCMP 372JQ6105
1.5
10.0 x 19.5 x 26.0
5.5
PCMP 372JQ4155
PCMP 372JQ6155
2.2
13.0 x 23.0 x 26.0
8.0
PCMP 372JQ4225
PCMP 372JQ6225



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com