Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCMP384 Datasheet(PDF) 5 Page - World Produts Inc.

Part # PCMP384
Description  Small dimension for high density packaging
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WPI [World Produts Inc.]
Direct Link  http://www.worldproducts.com
Logo WPI - World Produts Inc.

PCMP384 Datasheet(HTML) 5 Page - World Produts Inc.

  PCMP384 Datasheet HTML 1Page - World Produts Inc. PCMP384 Datasheet HTML 2Page - World Produts Inc. PCMP384 Datasheet HTML 3Page - World Produts Inc. PCMP384 Datasheet HTML 4Page - World Produts Inc. PCMP384 Datasheet HTML 5Page - World Produts Inc. PCMP384 Datasheet HTML 6Page - World Produts Inc. PCMP384 Datasheet HTML 7Page - World Produts Inc. PCMP384 Datasheet HTML 8Page - World Produts Inc. PCMP384 Datasheet HTML 9Page - World Produts Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
Pilkor components
Metallized Polypropylene
PCMP 384
film capacitors
189
VRdc = 400 V
VRac = 220 V
~
CATALOGUE NUMBER
PCMP 384 .....
loose in box
ammo packing
lt = 5.0 ± 1.0 mm
H = 16.0 mm
Reduced pitch(7.5mm)
Cap
(㎌)
b x h x l
(mm)
Mess
(g)
C – tol. ± 5 %
C – tol. ± 5 %
Pitch = 10.0
± 0.4 mm
dt = 0.6 +0.06/-0.05 mm
0.010
0.011
0.012
0.013
0.015
0.016
0.018
0.020
0.022
4.0 x 10.0 x 12.5
0.8
PCMP 384 52103
PCMP 384 52113
PCMP 384 52123
PCMP 384 52133
PCMP 384 52153
PCMP 384 52163
PCMP 384 52183
PCMP 384 52203
PCMP 384 52223
PCMP 384 5A103
PCMP 384 5A113
PCMP 384 5A123
PCMP 384 5A133
PCMP 384 5A153
PCMP 384 5A163
PCMP 384 5A183
PCMP 384 5A203
PCMP 384 5A223
0.024
0.027
0.030
0.033
5.0 x 11.0 x 12.5
0.9
PCMP 384 52243
PCMP 384 52273
PCMP 384 52303
PCMP 384 52333
PCMP 384 5A243
PCMP 384 5A273
PCMP 384 5A303
PCMP 384 5A333
0.036
0.039
0.043
0.047
6.0 x 12.0 x 12.5
1.0
PCMP 384D52363
PCMP 384D52393
PCMP 384D52433
PCMP 384D52473
PCMP 384D5A363
PCMP 384D5A393
PCMP 384D5A433
PCMP 384D5A473
Pitch = 15.0
± 0.4 mm
dt = 0.8 +0.08/-0.05 mm
0.036
0.039
0.043
0.047
0.051
0.056
5.0 x 11.0 x 18.0
1.2
PCMP 384 52363
PCMP 384 52393
PCMP 384 52433
PCMP 384 52473
PCMP 384 52513
PCMP 384 52563
PCMP 384 5A363
PCMP 384 5A393
PCMP 384 5A433
PCMP 384 5A473
PCMP 384 5A513
PCMP 384 5A563
0.062
0.068
0.075
0.082
6.0 x 12.0 x 18.0
1.4
PCMP 384 52623
PCMP 384 52683
PCMP 384 52753
PCMP 384 52823
PCMP 384 5A623
PCMP 384 5A683
PCMP 384 5A753
PCMP 384 5A823
0.091
0.10
0.11
7.0 x 13.5 x 18.0
1.9
PCMP 384 52913
PCMP 384 52104
PCMP 384 52114
PCMP 384 5A913
PCMP 384 5A104
PCMP 384 5A114



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com