Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCMP384 Datasheet(PDF) 13 Page - World Produts Inc.

Part # PCMP384
Description  Small dimension for high density packaging
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WPI [World Produts Inc.]
Direct Link  http://www.worldproducts.com
Logo WPI - World Produts Inc.

PCMP384 Datasheet(HTML) 13 Page - World Produts Inc.

Back Button PCMP384 Datasheet HTML 9Page - World Produts Inc. PCMP384 Datasheet HTML 10Page - World Produts Inc. PCMP384 Datasheet HTML 11Page - World Produts Inc. PCMP384 Datasheet HTML 12Page - World Produts Inc. PCMP384 Datasheet HTML 13Page - World Produts Inc. PCMP384 Datasheet HTML 14Page - World Produts Inc. PCMP384 Datasheet HTML 15Page - World Produts Inc. PCMP384 Datasheet HTML 16Page - World Produts Inc. PCMP384 Datasheet HTML 17Page - World Produts Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
Pilkor components
Metallized Polypropylene
PCMP 384
film capacitors
197
VRdc = 1600 V
VRac = 630 V
~
CATALOGUE NUMBER
PCMP 384 .....
loose in box
ammo packing
lt = 5.0 ± 1.0 mm
H = 16.0 mm
Reduced pitch(7.5mm)
Cap
(㎌)
b x h x l
(mm)
Mess
(g)
C – tol. ± 5 %
C – tol. ± 5 %
Pitch = 15.0
± 0.4 mm
dt = 0.8 +0.08/-0.05 mm
0.00022
0.00027
0.00033
0.00039
0.00047
0.00056
0.00068
0.00082
5.0 x 11.0 x 18.0
1.2
PCMP 384 8H221(*)
PCMP 384 8H271(*)
PCMP 384 8H331(*)
PCMP 384 8H391(*)
PCMP 384 8H471(*)
PCMP 384 8H561(*)
PCMP 384 8H681(*)
PCMP 384 8H821(*)
- (*)
- (*)
- (*)
- (*)
- (*)
- (*)
- (*)
- (*)
0.0010
0.0011
0.0012
0.0013
0.0015
0.0016
0.0018
0.0020
0.0022
0.0024
0.0027
0.0030
0.0033
0.0036
0.0039
0.0043
0.0047
0.0051
0.0056
0.0062
0.0068
5.0 x 11.0 x 18.0
1.2
PCMP 384 82102
PCMP 384 82112
PCMP 384 82122
PCMP 384 82132
PCMP 384 82152
PCMP 384 82162
PCMP 384 82182
PCMP 384 82202
PCMP 384 82222
PCMP 384 82242
PCMP 384 82272
PCMP 384 82302
PCMP 384 82332
PCMP 384 82362
PCMP 384 82392
PCMP 384 82432
PCMP 384 82472
PCMP 384F82512
PCMP 384F82562
PCMP 384F82622
PCMP 384F82682
PCMP 384 8A102
PCMP 384 8A112
PCMP 384 8A122
PCMP 384 8A132
PCMP 384 8A152
PCMP 384 8A162
PCMP 384 8A182
PCMP 384 8A202
PCMP 384 8A222
PCMP 384 8A242
PCMP 384 8A272
PCMP 384 8A302
PCMP 384 8A332
PCMP 384 8A362
PCMP 384 8A392
PCMP 384 8A432
PCMP 384 8A472
PCMP 384F8A512
PCMP 384F8A562
PCMP 384F8A622
PCMP 384F8A682
0.0075
0.0051
0.0056
0.0062
0.0068
0.0082
0.0091
0.010
6.0 x 12.0 x 18.0
1.4
PCMP 384F82752
PCMP 384 82512
PCMP 384 82562
PCMP 384 82622
PCMP 384 82682
PCMP 384F82822
PCMP 384F82912
PCMP 384F82103
PCMP 384F8A752
PCMP 384 8A512
PCMP 384 8A562
PCMP 384 8A622
PCMP 384 8A682
PCMP 384F8A822
PCMP 384F8A912
PCMP 384F8A103
0.0075
0.0082
7.0 x 13.5 x 18.0
1.9
PCMP 384 82752
PCMP 384 82822
PCMP 384 8A752
PCMP 384 8A822
0.0091
0.010
0.011
0.012
8.5 x 15.0 x 18.0
2.6
PCMP 384 82912
PCMP 384 82103
PCMP 384 82113
PCMP 384 82123
PCMP 384 8A912
PCMP 384 8A103
PCMP 384 8A113
PCMP 384 8A123
0.013
0.015
0.016
0.018
10.0 x 16.5 x 18.0
3.1
PCMP 384 82133
PCMP 384 82153
PCMP 384 82163
PCMP 384 82183
PCMP 384 8A133
PCMP 384 8A153
PCMP 384 8A163
PCMP 384 8A183
* Capacitance tolerance±10%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com