Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD876ARS Datasheet(PDF) 5 Page - Analog Devices

Part # AD876ARS
Description  CMOS A/D Converter
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD876ARS Datasheet(HTML) 5 Page - Analog Devices

  AD876ARS Datasheet HTML 1Page - Analog Devices AD876ARS Datasheet HTML 2Page - Analog Devices AD876ARS Datasheet HTML 3Page - Analog Devices AD876ARS Datasheet HTML 4Page - Analog Devices AD876ARS Datasheet HTML 5Page - Analog Devices AD876ARS Datasheet HTML 6Page - Analog Devices AD876ARS Datasheet HTML 7Page - Analog Devices AD876ARS Datasheet HTML 8Page - Analog Devices AD876ARS Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
REV. B
–4–
AD876
SOIC
TQFP
Symbol
Pin No.
Pin No.
Type
Name and Function
D0 (LSB)
3
1
DO
Least Significant Bit.
D1–D4
4–7
2–5
DO
Data Bits 1 through 4.
D5–D8
8–11
8–11
Data Bits 5 through 8.
D9 (MSB)
12
12
DO
Most Significant Bit.
THREE-
16
23
DI
THREE-STATE = LOW
THREE-STATE = HIGH
STATE
or N/C
Normal Operating Mode
High Impedance Outputs
STBY
17
24
DI
STBY = LOW or N/C
STBY = HIGH
Normal Operating Mode
Standby Mode
CLK
15
22
DI
Clock Input.
CML
26
38
AO
Bypass Pin for an Internal Bias Point.
REFTF
22
30
AI
Reference Top Force.
REFBF
24
34
AI
Reference Bottom Force.
REFTS
21
29
AI
Reference Top Sense.
REFBS
25
35
AI
Reference Bottom Sense.
AIN
27
39
AI
Analog Input.
AVDD
28
42
P
+5 V Analog Supply.
AVSS
1
44
P
Analog Ground.
DVDD
18
26
P
+5 V Digital Supply.
DVSS
14, 19, 20
17, 27, 28
P
Digital Ground.
DRVDD
2
45
P
+3.3 V/+5 V Digital Supply. Supply for digital
input and output buffers.
DRVSS
13
16
P
+3.3 V/+5 V Digital Ground. Ground for digital
input and output buffers.
Type: AI = Analog Input; AO = Analog Output; DI = Digital Input; DO = Digital Output; P = Power.
PIN CONFIGURATIONS
SOIC/SSOP
TQFP
PIN FUNCTION DESCRIPTIONS
PINS D0 AND D1 ARE LEFT OPEN
FOR THE AD876JR-8
*
AVSS
DRVDD
AVDD
AIN
D2
D3
D4
REFBF
REFTF
*D0
*D1
CML
REFBS
D5
REFTS
D6
DVSS
D7
DVSS
D8
DVDD
D9
STBY
DRVSS
THREE-STATE
DVSS
CLK
13
18
1
2
28
27
5
6
7
24
23
22
3
4
26
25
8
21
9
20
10
19
11
12
17
16
14
15
TOP VIEW
(Not to Scale)
AD876
NC
NC = NO CONNECT
REFBS
REFTF
REFBF
D0
D1
D4
D5
D6
D2
D3
DVSS
DVDD
REFTS
D8
D9
D7
41
42
43
47
45
46
17
20
19
18
14
16
15
36
35
32
31
30
34
33
44
1
2
5
6
7
3
4
37
38
39
21
24
23
22
40
28
27
26
29
9
10
11
8
48
13
25
12
TOP VIEW
(Not to Scale)
AD876
DVSS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com