Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD876ARS Datasheet(PDF) 7 Page - Analog Devices

Part # AD876ARS
Description  CMOS A/D Converter
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD876ARS Datasheet(HTML) 7 Page - Analog Devices

Back Button AD876ARS Datasheet HTML 3Page - Analog Devices AD876ARS Datasheet HTML 4Page - Analog Devices AD876ARS Datasheet HTML 5Page - Analog Devices AD876ARS Datasheet HTML 6Page - Analog Devices AD876ARS Datasheet HTML 7Page - Analog Devices AD876ARS Datasheet HTML 8Page - Analog Devices AD876ARS Datasheet HTML 9Page - Analog Devices AD876ARS Datasheet HTML 10Page - Analog Devices AD876ARS Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
REV. B
–6–
AD876
CODE OFFSET
1
–1
128
256
384
512
640
768
896
0
960
64
192
320
448
576
704
832
0.5
–0.5
0
Figure 3. AD876 Typical DNL
2
–4
–10
10
1000
100
1
–6
–8
–2
0
FREQUENCY – MHz
Figure 4. Full Power Bandwidth
60
45
30
102
101
100
40
35
50
55
INPUT FREQUENCY – MHz
Figure 5. SINAD vs. Input Frequency
(fCLK = 20 MSPS, AIN = –0.5 dB)
0
–20
–70
10
1
–10
–40
–30
–60
–50
FREQUENCY – MHz
–80
–90
THD
2ND
3RD
Figure 6. THD vs. Input Frequency 2nd, 3rd Harmonics
CLOCK FREQUENCY – MHz
60
55
30
530
10
15
20
25
50
45
40
35
Figure 7. SINAD vs. CLK Frequency (AIN = –0.5 dB)
CLOCK FREQUENCY – MHz
180
170
120
025
510
15
20
160
150
140
130
110
100
Figure 8. Power Consumption vs. Sample Rate
–Typical Performance Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com