Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9203ARURL7 Datasheet(PDF) 9 Page - Analog Devices

Part # AD9203ARURL7
Description  A/D Converter
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9203ARURL7 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD9203ARURL7 Datasheet HTML 5Page - Analog Devices AD9203ARURL7 Datasheet HTML 6Page - Analog Devices AD9203ARURL7 Datasheet HTML 7Page - Analog Devices AD9203ARURL7 Datasheet HTML 8Page - Analog Devices AD9203ARURL7 Datasheet HTML 9Page - Analog Devices AD9203ARURL7 Datasheet HTML 10Page - Analog Devices AD9203ARURL7 Datasheet HTML 11Page - Analog Devices AD9203ARURL7 Datasheet HTML 12Page - Analog Devices AD9203ARURL7 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
AD9203
Rev. B | Page 8 of 28
TYPICAL PERFORMANCE CHARACTERISTICS
AVDD = 3 V, DRVDD = 3 V, FS = 40 MSPS, 1 V Internal Reference, PWRCON = AVDD, 50% Duty Cycle, unless otherwise noted.
61
47
49
51
53
55
57
59
0
20
40
60
80
100
120
INPUT FREQUENCY (MHz)
2V DIFFERENTIAL INPUT
1V DIFFERENTIAL INPUT
1V SINGLE-ENDED INPUT
2V SINGLE-ENDED INPUT
Figure 4. SNR vs. Input Frequency and Configuration
60
35
40
45
50
55
9.6
5.5
6.3
7.1
8.0
8.8
0
20
40
60
80
100
120
INPUT FREQUENCY (MHz)
2V DIFFERENTIAL
INPUT
1V DIFFERENTIAL INPUT
1V SINGLE-
ENDED INPUT
2V SINGLE-
ENDED INPUT
Figure 5. SINAD vs. Input Frequency and Configuration
–40
–45
–50
–55
–60
–65
–70
–75
0
20406080
100
120
INPUT FREQUENCY (MHz)
–0.5dB
–20dB
–6.0dB
Figure 6. THD vs. Input Frequency and Amplitude
(Differential Input VREF = 0.5 V)
35
85
80
75
70
65
60
55
50
45
40
0
20406080
100
120
INPUT FREQUENCY (MHz)
2V DIFFERENTIAL
INPUT
1V DIFFERENTIAL
INPUT
1V SINGLE-
ENDED INPUT
2V SINGLE-
ENDED INPUT
Figure 7. SFDR vs. Input Frequency and Configuration
–30
–35
–40
–45
–50
–55
–60
–65
–70
–75
–80
0
20406080
100
120
INPUT FREQUENCY (MHz)
1V DIFFERENTIAL
INPUT
1V SINGLE-
ENDED INPUT
2V SINGLE-
ENDED INPUT
2V DIFFERENTIAL
INPUT
1V DIFFERENTIAL
INPUT
1V SINGLE-
ENDED INPUT
2V SINGLE-
ENDED INPUT
Figure 8. THD vs. Input Frequency and Configuration
–35
–75
–65
–55
–45
0
20406080
100
120
INPUT FREQUENCY (MHz)
–0.5dB
–20dB
–6.0dB
Figure 9. THD vs. Input Frequency and Amplitude
(Differential Input VREF = 1 V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com