Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9203ARURL7 Datasheet(PDF) 17 Page - Analog Devices

Part # AD9203ARURL7
Description  A/D Converter
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9203ARURL7 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD9203ARURL7 Datasheet HTML 13Page - Analog Devices AD9203ARURL7 Datasheet HTML 14Page - Analog Devices AD9203ARURL7 Datasheet HTML 15Page - Analog Devices AD9203ARURL7 Datasheet HTML 16Page - Analog Devices AD9203ARURL7 Datasheet HTML 17Page - Analog Devices AD9203ARURL7 Datasheet HTML 18Page - Analog Devices AD9203ARURL7 Datasheet HTML 19Page - Analog Devices AD9203ARURL7 Datasheet HTML 20Page - Analog Devices AD9203ARURL7 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 29 page
background image
AD9203
Rev. B | Page 16 of 28
–40
–50
–60
–70
–80
–90
40.0
42.5
45.0
47.5
50.0
52.5
55.0
57.5
60.0
DUTY CYCLE (%)
THD
SNR
Figure 31. THD and SNR vs. Clock Duty Cycle
(fIN = 5 MHz Differential, Clock = 40 MSPS)
Table 5. Power Programming Resistance
Clock MSPS
Resistor Value (k)
1
50
5 to 10
100
15 to 20
200
>20
500
POWER CONTROL
Power consumed by the AD9203 may be reduced by placing a
resistor between the PWRCON pin and ground. This function
will be valuable to users who do not need the AD9203’s high
conversion rate, but do need even lower power consumption.
The external resistor sets the programming of the analog
current mirrors. Table 5 illustrates the relationship between
programmed power and performance.
At lower clock rates, less power is required within the analog
sections of the AD9203. Placing an external resistor on the
PWRCON pin will shunt control current away from some of the
current mirrors. This enables the ADC to convert low data rates
with extremely low power consumption.
INTERFACING TO 5 V SYSTEMS
The AD9203 can be integrated into 5 V systems. This is
accomplished by deriving a 3 V power supply from the existing
5 V analog power line through an AD3307-3 linear regulator.
Care must be maintained so that logic inputs do not exceed the
maximum rated values listed on the Specifications page.
CLOCK INPUT AND CONSIDERATIONS
The AD9203 internal timing uses the two edges of the clock
input to generate a variety of internal timing signals. Sampling
occurs on the falling edge. The clock input to the AD9203
operating at 40 MSPS may have a duty cycle between 45% to
55% to meet this timing requirement since the minimum
specified tCH and tCL is 11.25 ns. For clock rates below 40 MSPS,
the duty cycle may deviate from this range to the extent that
both tCH and tCL are satisfied. See Figure 31 for dynamics vs.
duty cycle.
High-speed, high-resolution A/Ds are sensitive to the quality of
the clock input. The degradation in SNR at a given full-scale
input frequency (fIN) due only to aperture jitter (tA) can be
calculated with the following equation:
SNR degradation = 20 log10 [1/2π fIN tA]
In the equation, the rms aperture jitter, tA, represents the
rootsum square of all the jitter sources, which include the clock
input, analog input signal, and A/D aperture jitter specification.
Undersampling applications are particularly sensitive to jitter.
Clock input should be treated as an analog signal in cases where
aperture jitter may affect the dynamic range of the AD9203.
Power supplies for clock drivers should be separated from the
A/D output driver supplies to avoid modulating the clock signal
with digital noise. Low jitter crystal controlled oscillators make
the best clock sources. If the clock is generated from another
type of source (by gating, dividing or another method), it
should be retimed by the original clock at the last step.
The clock input is referred to the analog supply. Its logic
threshold is AVDD/2.
DIGITAL INPUTS AND OUTPUTS
Each of the AD9203 digital control inputs, 3-STATE, DFS, and
STBY are referenced to analog ground. CLK is also referenced
to analog ground. A low power mode feature is provided such
that for STBY = HIGH and the static power of the AD9203
drops to 0.65 mW.
Asserting the DFS pin high will invert the MSB pin, changing
the data to a twos complement format.
The AD9203 has an OTR (out of range) function. If the input
voltage is above or below full scale by 1 LSB, the OTR flag will
go high. See Figure 32.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com