Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9240AS Datasheet(PDF) 17 Page - Analog Devices

Part # AD9240AS
Description  Monolithic A/D Converter
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9240AS Datasheet(HTML) 17 Page - Analog Devices

Back Button AD9240AS Datasheet HTML 13Page - Analog Devices AD9240AS Datasheet HTML 14Page - Analog Devices AD9240AS Datasheet HTML 15Page - Analog Devices AD9240AS Datasheet HTML 16Page - Analog Devices AD9240AS Datasheet HTML 17Page - Analog Devices AD9240AS Datasheet HTML 18Page - Analog Devices AD9240AS Datasheet HTML 19Page - Analog Devices AD9240AS Datasheet HTML 20Page - Analog Devices AD9240AS Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 25 page
background image
AD9240
REV.
–16–
degrade slightly as the input common-mode voltage deviates
from its optimum level of 2.5 V.
Alternative AC Interface
Figure 38 shows a flexible ac-coupled circuit which can be con-
figured for different input spans. Since the common-mode
voltage of VINA and VINB are biased to midsupply indepen-
dent of VREF, VREF can be pin-strapped or reconfigured to
achieve input spans between 2 V and 5 V p-p. The AD9240’s
CMRR along with the symmetrical coupling R-C networks will
reject both power supply variations and noise. The resistors, R,
establish the common-mode voltage. They may have a high value
(e.g., 5 k
Ω) to minimize power consumption and establish a low
cutoff frequency. The capacitors, C1 and C2, are typically a
0.1
µF ceramic and 10 µF tantalum capacitor in parallel to
achieve a low cutoff frequency while maintaining a low imped-
ance over a wide frequency range. RS isolates the buffer ampli-
fier from the A/D input. The optimum performance is achieved
when VINA and VINB are driven via symmetrical networks.
The high pass f–3 dB point can be approximated by the equation,
f–3 dB = 1/(2 × π × R/2 × (C1 + C2))
C2
VINA
VINB
AD9240
C1
R
+5V
–5V
RS
VIN
C1
C2
R
RS
+5V
R
R
+5V
Figure 38. AC-Coupled Input-Flexible Input Span,
VCM = 2.5 V
OP AMP SELECTION GUIDE
Op amp selection for the AD9240 is highly dependent on a
particular application. In general, the performance requirements
of any given application can be characterized by either time
domain or frequency domain parameters. In either case, one
should carefully select an op amp that preserves the perfor-
mance of the A/D. This task becomes challenging when one
considers the AD9240’s high performance capabilities coupled
with other external system level requirements such as power
consumption and cost.
The ability to select the optimal op amp may be further compli-
cated by limited power supply availability and/or limited accept-
able supplies for a desired op amp. Newer, high performance op
amps typically have input and output range limitations in accor-
dance with their lower supply voltages. As a result, some op
amps will be more appropriate in systems where ac-coupling is
allowable. When dc-coupling is required, op amps without
headroom constraints such as rail-to-rail op amps or ones where
larger supplies can be used should be considered. The following
section describes some op amps currently available from Analog
Devices. The system designer is always encouraged to contact
the factory or local sales office to be updated on Analog De-
vices’ latest amplifier product offerings. Highlights of the areas
where the op amps excel and where they may limit the perfor-
mance of the AD9240 are also included.
AD9631:
220 MHz Unity GBW, 16 ns Settling to 0.01%,
±5 V Supplies
Best Applications: Best AC Specs, Low Noise,
AC-Coupled
Limits: Usable Input/Output Range, Power
Consumption
AD8047:
130 MHz Unity GBW, 30 ns Settling to 0.01%,
±5 V Supplies
Best Applications: Good AC Specs, Low Noise,
AC-Coupled
Limits: THD > 5 MHz, Usable Input Range
AD8042:
Dual AD8041
Best Applications: Differential and/or Low Imped-
ance Input Drivers
Limits: Noise with 2 V Input Range
REFERENCE CONFIGURATIONS
For the purpose of simplicity, the figures associated with this
section on internal and external reference operation do not
show recommended matching series resistors for VINA and
VINB. Please refer to section Driving the Analog Inputs, Intro-
duction, for a discussion of this topic. The figures do not show
the decoupling network associated with the CAPT and CAPB
pins. Please refer to the Reference Operation section for a discus-
sion of the internal reference circuitry and the recommended
decoupling network shown in Figure 30.
USING THE INTERNAL REFERENCE
Single-Ended Input with 0 to 2
VREF Range
Figure 39 shows how to connect the AD9240 for a 0 V to 2 V or
0 V to 5 V input range via pin strapping the SENSE pin. An
intermediate input range of 0 to 2
× VREF can be established
using the resistor programmable configuration in Figure 41 and
connecting VREF to VINB.
10 F
VINA
VREF
AD9240
0.1 F
VINB
2xVREF
0V
SHORT FOR 0 TO 2V
INPUT SPAN
SENSE
SHORT FOR 0 TO 5V
INPUT SPAN
REFCOM
Figure 39. Internal Reference (2 V p-p Input Span,
VCM = 1 V, or 5 V p-p Input Span, VCM = 2.5 V)
In either case, both the common-mode voltage and input span
are directly dependent on the value of VREF. More specifically,
the common-mode voltage is equal to VREF while the input
span is equal to 2
× VREF. Thus, the valid input range extends
from 0 to 2
× VREF. When VINA is ≤ 0 V, the digital output
will be 0000 Hex; when VINA is
≥ 2 × VREF, the digital output
will be 3FFF Hex.
Shorting the VREF pin directly to the SENSE pin places the
internal reference amplifier in unity-gain mode and the result-
ant VREF output is 1 V. The valid input range is, therefore, 0 V
to 2 V. Shorting the SENSE pin directly to the REFCOM pin
configures the internal reference amplifier for a gain of 2.5 and
B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com