Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9240AS Datasheet(PDF) 18 Page - Analog Devices

Part # AD9240AS
Description  Monolithic A/D Converter
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9240AS Datasheet(HTML) 18 Page - Analog Devices

Back Button AD9240AS Datasheet HTML 14Page - Analog Devices AD9240AS Datasheet HTML 15Page - Analog Devices AD9240AS Datasheet HTML 16Page - Analog Devices AD9240AS Datasheet HTML 17Page - Analog Devices AD9240AS Datasheet HTML 18Page - Analog Devices AD9240AS Datasheet HTML 19Page - Analog Devices AD9240AS Datasheet HTML 20Page - Analog Devices AD9240AS Datasheet HTML 21Page - Analog Devices AD9240AS Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 25 page
background image
AD9240
REV.
–17–
the resultant VREF output is 2.5 V. The valid input range thus
becomes 0 V to 5 V. The VREF pin should be bypassed to the
REFCOM pin with a 10
µF tantalum capacitor in parallel with a
low-inductance 0.1
µF ceramic capacitor.
Single-Ended or Differential Input, VCM = 2.5 V
Figure 37 shows the single-ended configuration that gives the
best SINAD performance. To optimize dynamic specifications,
center the common-mode voltage of the analog input at
approximately by 2.5 V by connecting VINB to VREF, a low-
impedance 2.5 V source. As described above, shorting the
SENSE pin directly to the REFCOM pin results in a 2.5 V
reference voltage and a 5 V p-p input span. The valid range
for input signals is 0 V to 5 V. The VREF pin should be by-
passed to the REFCOM pin with a 10
µF tantalum capacitor in
parallel with a low inductance 0.1
µF ceramic capacitor.
This reference configuration could also be used for a differential
input in which VINA and VINB are driven via a transformer as
shown in Figure 32. In this case, the common-mode voltage,
VCM, is set at midsupply by connecting the transformer’s center
tap to CML of the AD9240. VREF can be configured for 1 V
or 2.5 V by connecting SENSE to either VREF or REFCOM
respectively. Note that the valid input range for each of the
differential inputs is one half of the single-ended input and thus
becomes VCM – VREF/2 to VCM + VREF/2.
0.1 F
10 F
VINA
VINB
VREF
SENSE
REFCOM
AD9240
5V
0V
2.5V
Figure 40. Internal Reference—5 V p-p Input Span,
VCM = 2.5 V
Resistor Programmable Reference
Figure 41 shows an example of how to generate a reference
voltage other than 1 V or 2.5 V with the addition of two external
resistors and a bypass capacitor. Use the equation,
VREF = 1 V
× (1 + R1/R2),
to determine appropriate values for R1 and R2. These resistors
should be in the 2 k
Ω to 100 kΩ range. For the example
shown, R1 equals 2.5 k
Ω and R2 equals 5 kΩ. From the equa-
tion above, the resultant reference voltage on the VREF pin is
1.5 V. This sets the input span to be 3 V p-p. To assure stabil-
ity, place a 0.1
µF ceramic capacitor in parallel with R1.
The common-mode voltage can be set to VREF by connecting
VINB to VREF to provide an input span of 0 to 2
× VREF.
Alternatively, the common-mode voltage can be set to 2.5 V
by connecting VINB to a low impedance 2.5 V source. For
the example shown, the valid input signal range for VINA is 1 V
to 4 V since VINB is set to an external, low impedance 2.5 V
source. The VREF pin should be bypassed to the REFCOM pin
with a 10
µF tantalum capacitor in parallel with a low induc-
tance 0.1
µF ceramic capacitor.
1.5V
C1
0.1 F
10 F
VINA
VINB
VREF
SENSE
REFCOM
AD9240
4V
1V
2.5V
R1
2.5k
R2
5k
0.1 F
Figure 41. Resistor Programmable Reference (3 V p-p
Input Span, VCM = 2.5 V)
USING AN EXTERNAL REFERENCE
Using an external reference may enhance the dc performance of
the AD9240 by improving drift and accuracy. Figures 42
through 44 show examples of how to use an external reference
with the A/D. Table III is a list of suitable voltage references
from Analog Devices. To use an external reference, the user
must disable the internal reference amplifier and drive the
VREF pin. Connecting the SENSE pin to AVDD disables the
internal reference amplifier.
Table III. Suitable Voltage References
Initial
Operating
Output
Drift
Accuracy
Current
Voltage
(ppm/ C)
% (max)
( A)
Internal
1.00
26
1.4
N/A
REF191
2.048
5–25
0.1–0.5
45
Internal
2.50
26
1.4
N/A
REF192
2.50
5–25
0.08–0.4
45
AD780
2.50
3–7
0.04–0.2
1000
The AD9240 contains an internal reference buffer, A2 (see
Figure 29), that simplifies the drive requirements of an external
reference. The external reference must be able to drive a
≈5 kΩ
(
±20%) load. Note that the bandwidth of the reference buffer is
deliberately left small to minimize the reference noise contribu-
tion. As a result, it is not possible to change the reference volt-
age rapidly in this mode without the removal of the CAPT/
CAPB Decoupling Network, and driving these pins directly.
B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com