Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9240ASZ Datasheet(PDF) 5 Page - Analog Devices

Part # AD9240ASZ
Description  Monolithic A/D Converter
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9240ASZ Datasheet(HTML) 5 Page - Analog Devices

  AD9240ASZ Datasheet HTML 1Page - Analog Devices AD9240ASZ Datasheet HTML 2Page - Analog Devices AD9240ASZ Datasheet HTML 3Page - Analog Devices AD9240ASZ Datasheet HTML 4Page - Analog Devices AD9240ASZ Datasheet HTML 5Page - Analog Devices AD9240ASZ Datasheet HTML 6Page - Analog Devices AD9240ASZ Datasheet HTML 7Page - Analog Devices AD9240ASZ Datasheet HTML 8Page - Analog Devices AD9240ASZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
AD9240
REV.
–4–
ABSOLUTE MAXIMUM RATINGS*
With
Respect
Parameter
to
Min
Max
Units
AVDD
AVSS
–0.3
+6.5
V
DVDD
DVSS
–0.3
+6.5
V
AVSS
DVSS
–0.3
+0.3
V
AVDD
DVDD
–6.5
+6.5
V
DRVDD
DRVSS
–0.3
+6.5
V
DRVSS
AVSS
–0.3
+0.3
V
REFCOM
AVSS
–0.3
+0.3
V
CLK
AVSS
–0.3
AVDD + 0.3
V
Digital Outputs
DRVSS
–0.3
DRVDD + 0.3 V
VINA, VINB
AVSS
–0.3
AVDD + 0.3
V
VREF
AVSS
–0.3
AVDD + 0.3
V
SENSE
AVSS
–0.3
AVDD + 0.3
V
CAPB, CAPT
AVSS
–0.3
AVDD + 0.3
V
BIAS
AVSS
–0.3
AVDD + 0.3
V
Junction Temperature
+150
°C
Storage Temperature
–65
+150
°C
Lead Temperature
(10 sec)
+300
°C
*Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating only; functional operation of the
device at these or any other conditions above those indicated in the operational
sections of this specification is not implied. Exposure to absolute maximum ratings
for extended periods may effect device reliability.
SWITCHING SPECIFICATIONS
Parameters
Symbol
AD9240
Units
Clock Period
1
tC
100
ns min
CLOCK Pulsewidth High
tCH
45
ns min
CLOCK Pulsewidth Low
tCL
45
ns min
Output Delay
tOD
8ns min
13
ns typ
19
ns max
Pipeline Delay (Latency)
3
Clock Cycles
NOTES
1The clock period may be extended to 1 ms without degradation in specified performance @ +25
°C.
Specifications subject to change without notice.
(TMIN to TMAX with AVDD = +5 V, DVDD = +5 V, DRVDD = +5 V, RBIAS = 2 k , CL = 20 pF)
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection.
Although the AD9240 features proprietary ESD protection circuitry, permanent damage may
occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD
precautions are recommended to avoid performance degradation or loss of functionality.
tCL
tCH
tC
tOD
DATA 1
DATA
OUTPUT
INPUT
CLOCK
ANALOG
INPUT
S1
S2
S3
S4
Figure 1. Timing Diagram
THERMAL CHARACTERISTICS
Thermal Resistance
44-Lead MQFP
θ
JA = 53.2
°C/W
θ
JC = 19
°C/W
PIN CONFIGURATION
3
4
5
6
7
1
2
10
11
8
9
40 39 38
41
42
43
44
36 35 34
37
29
30
31
32
33
27
28
25
26
23
24
PIN 1
IDENTIFIER
TOP VIEW
(Not to Scale)
AD9240
12 13 14 15 16 17 18 19 20 21 22
NC = NO CONNECT
DVSS
AVSS
DVDD
AVDD
DRVSS
DRVDD
CLK
NC
NC
NC
(LSB) BIT 14
REFCOM
VREF
SENSE
NC
AVSS
AVDD
NC
NC
OTR
BIT 1 (MSB)
BIT 2
WARNING!
ESD SENSITIVE DEVICE
B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com