Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9240ASZ Datasheet(PDF) 7 Page - Analog Devices

Part # AD9240ASZ
Description  Monolithic A/D Converter
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9240ASZ Datasheet(HTML) 7 Page - Analog Devices

Back Button AD9240ASZ Datasheet HTML 3Page - Analog Devices AD9240ASZ Datasheet HTML 4Page - Analog Devices AD9240ASZ Datasheet HTML 5Page - Analog Devices AD9240ASZ Datasheet HTML 6Page - Analog Devices AD9240ASZ Datasheet HTML 7Page - Analog Devices AD9240ASZ Datasheet HTML 8Page - Analog Devices AD9240ASZ Datasheet HTML 9Page - Analog Devices AD9240ASZ Datasheet HTML 10Page - Analog Devices AD9240ASZ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
AD9240
REV.
–6–
Typical Differential AC Characterization Curves/Plots
(AVDD = +5 V, DVDD = +5 V, DRVDD = +5 V, fSAMPLE =
10 MSPS, RBIAS = 2 k , TA = +25 C, Differential Input)
INPUT FREQUENCY – MHz
90
85
0.1
1
20
10
55
50
65
60
80
70
75
–0.5dBFS
–6.0dBFS
–20.0dBFS
Figure 2. SINAD vs. Input Frequency
(Input Span = 5 V, VCM = 2.5 V)
INPUT FREQUENCY – MHz
90
85
0.1
1
20
10
55
50
65
60
80
70
75
–0.5dBFS
–6.0dBFS
–20.0dBFS
Figure 5. SINAD vs. Input Frequency
(Input Span = 2 V, VCM = 2.5 V)
SAMPLE RATE – MHz
–60
–65
0.1
1
10
–95
–100
–85
–90
–70
–80
–75
5V SPAN
2V SPAN
Figure 8. THD vs. Sample Rate
(fIN = 5.0 MHz, AIN = –0.5 dBFS,
VCM = 2.5 V)
INPUT FREQUENCY – MHz
–40
–100
0.1
1
20
10
–90
–80
–70
–50
–60
–0.5dBFS
–6.0dBFS
–20.0dBFS
Figure 3. THD vs. Input Frequency
(Input Span = 5 V, VCM = 2.5 V)
INPUT FREQUENCY – MHz
–40
–100
0.1
1
20
10
–90
–80
–70
–50
–60
–20.0dBFS
–6.0dBFS
–0.5dBFS
Figure 6. THD vs. Input Frequency
(Input Span = 2 V, VCM = 2.5 V)
AIN – dB
110
20
90
60
50
40
30
80
70
–60
–50
0
–40
–30
–20
–10
5V SPAN – dBc
2V SPAN – dBFS
5V SPAN – dBFS
100
2V SPAN – dBc
Figure 9. Single Tone SFDR
(fIN = 5.0 MHz, VCM = 2.5 V)
FREQUENCY – MHz
0
–70
–100
0
5.0
–10
–60
–80
–90
–40
–50
–20
–30
–110
–120
1st
9th
8th
2nd
3rd
7th
6th
4th
5th
Figure 4. Typical FFT, fIN = 1.0 MHz
(Input Span = 5 V, VCM = 2.5 V)
2
FREQUENCY – MHz
0
–15
–30
–45
–60
–75
–90
–105
–120
–135
–150
1
3
4
5
6
7
8
9
0
5.0
Figure 7. Typical FFT, fIN = 5.0 MHz
(Input Span = 2 V, VCM = 2.5 V)
INPUT POWER LEVEL (
f
1
= f2) – dBFS
110
60
–40 –35
0
–30 –25 –20 –15 –10
–5
105
90
85
75
65
100
95
80
70
5V SPAN – dBFS
5V SPAN – dBc
2V SPAN – dBFS
2V SPAN – dBc
Figure 10. Dual Tone SFDR
(f1 = 0.95 MHz, f2 = 1.04 MHz,
VCM = 2.5 V)
B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com