Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9288/PCB Datasheet(PDF) 11 Page - Analog Devices

Part # AD9288/PCB
Description  Dual A/D Converter
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9288/PCB Datasheet(HTML) 11 Page - Analog Devices

Back Button AD9288/PCB Datasheet HTML 7Page - Analog Devices AD9288/PCB Datasheet HTML 8Page - Analog Devices AD9288/PCB Datasheet HTML 9Page - Analog Devices AD9288/PCB Datasheet HTML 10Page - Analog Devices AD9288/PCB Datasheet HTML 11Page - Analog Devices AD9288/PCB Datasheet HTML 12Page - Analog Devices AD9288/PCB Datasheet HTML 13Page - Analog Devices AD9288/PCB Datasheet HTML 14Page - Analog Devices AD9288/PCB Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
AD9288
Rev. C | Page 10 of 24
49
48
47
46
45
30
40
50
60
70
80
90
100
110
MSPS
SINAD
SNR
AIN = 10.3MHz
Figure 12. SINAD/SNR vs. Encode Rate
SINAD
SNR
50
46
38
42
34
30
7.0
6.5
6.0
5.5
5.0
4.5
4.0
3.5
3.0
ENCODE HIGH PULSE WIDTH (ns)
AIN = 10.3MHz
Figure 13. SINAD/SNR vs. Encode Pulse Width High
0.5
–5.5
–5.0
–4.5
–4.0
–3.5
–3.0
–2.5
–2.0
–1.5
–1.0
–0.5
0
0
100
200
300
400
500
600
BANDWIDTH (MHz)
ENCODE RATE = 100MSPS
–3dB
Figure 14. ADC Frequency Response: fS = 100 MSPS
190
185
180
175
170
165
160
155
150
145
140
0
100
90
80
70
60
50
40
30
20
10
MSPS
AIN = 10.3MHz
Figure 15. Analog Power Dissipation vs. Encode Rate
SNR
SINAD
48.0
47.5
47.0
46.5
46.0
45.5
45.0
44.5
44.0
43.5
–40
25
85
TEMPERATURE (
°C)
ENCODE RATE = 100MSPS
AIN = 10.3MHz
Figure 16. SINAD/SNR vs. Temperature
0.6
–1.0
–0.8
–0.6
–0.4
–0.2
0
0.2
0.4
–40
25
85
TEMPERATURE (
°C)
ENCODE RATE = 100MSPS
AIN = 10.3MHz
Figure 17. ADC Gain vs. Temperature (with External 1.25 V Reference)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com