Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9288/PCB Datasheet(PDF) 12 Page - Analog Devices

Part # AD9288/PCB
Description  Dual A/D Converter
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9288/PCB Datasheet(HTML) 12 Page - Analog Devices

Back Button AD9288/PCB Datasheet HTML 8Page - Analog Devices AD9288/PCB Datasheet HTML 9Page - Analog Devices AD9288/PCB Datasheet HTML 10Page - Analog Devices AD9288/PCB Datasheet HTML 11Page - Analog Devices AD9288/PCB Datasheet HTML 12Page - Analog Devices AD9288/PCB Datasheet HTML 13Page - Analog Devices AD9288/PCB Datasheet HTML 14Page - Analog Devices AD9288/PCB Datasheet HTML 15Page - Analog Devices AD9288/PCB Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 25 page
background image
AD9288
Rev. C | Page 11 of 24
2.0
–2.0
–1.5
–1.0
–0.5
0
0.5
1.0
1.5
CODE
Figure 18. Integral Nonlinearity
1.00
–1.00
–0.75
–0.50
–0.25
0
0.25
0.50
0.75
CODE
Figure 19. Differential Nonlinearity
1.3
1.2
1.1
1.0
0.9
0.8
0.7
0
0.25
0.50
0.75
1.00
1.25
1.50
1.75
LOAD (mA)
ENCODE = 100MSPS
VD = 3.0V
TA = 25°C
Figure 20. Voltage Reference Out vs. Current Load



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com