Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAU1761BCPZ-R7 Datasheet(PDF) 55 Page - Analog Devices

Part # ADAU1761BCPZ-R7
Description  24-Bit Audio Codec with Integrated PLL
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAU1761BCPZ-R7 Datasheet(HTML) 55 Page - Analog Devices

Back Button ADAU1761BCPZ-R7 Datasheet HTML 51Page - Analog Devices ADAU1761BCPZ-R7 Datasheet HTML 52Page - Analog Devices ADAU1761BCPZ-R7 Datasheet HTML 53Page - Analog Devices ADAU1761BCPZ-R7 Datasheet HTML 54Page - Analog Devices ADAU1761BCPZ-R7 Datasheet HTML 55Page - Analog Devices ADAU1761BCPZ-R7 Datasheet HTML 56Page - Analog Devices ADAU1761BCPZ-R7 Datasheet HTML 57Page - Analog Devices ADAU1761BCPZ-R7 Datasheet HTML 58Page - Analog Devices ADAU1761BCPZ-R7 Datasheet HTML 59Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 93 page
background image
ADAU1761
Rev. C | Page 54 of 92
R2: Digital Microphone/Jack Detection Control, 16,392 (0x4008)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
JDDB[1:0]
JDFUNC[1:0]
Reserved
JDPOL
Table 36. Digital Microphone/Jack Detection Control Register
Bits
Bit Name
Description
[7:6]
JDDB[1:0]
Jack detect debounce time.
Setting
Debounce Time
00
5 ms (default)
01
10 ms
10
20 ms
11
[5:4]
JDFUNC[1:0]
JACKDET/MICIN pin function. Enables or disables the jack detect function or configures the pin for a digital
microphone input.
40 ms
Setting
Pin Function
00
Jack detect off (default)
01
Jack detect on
10
Digital microphone input
11
0
JDPOL
Jack detect polarity. Detects high or low signal.
0 = detect high signal (default).
1 = detect low signal.
Reserved
R3: Record Power Management, 16,393 (0x4009)
This register manages the power consumption for the record path. In particular, the current distribution for the mixer boosts, ADCs,
record path mixers, and PGAs can be set to one of four modes. These settings are normal operation, power saving mode, enhanced
performance mode, and extreme power saving mode. Each of these modes draws current from a central bias. Enhanced performance
mode offers the highest performance with the trade-off of higher power consumption.
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reserved
MXBIAS[1:0]
ADCBIAS[1:0]
RBIAS[1:0]
Reserved
Table 37. Record Power Management Register
Bits
Bit Name
Description
[6:5]
MXBIAS[1:0]
Mixer amplifier bias boost. Sets the boost level for the bias current of the record path mixers. In some cases,
the boost level enhances the THD + N performance.
Setting
Boost Level
00
Normal operation (default)
01
Boost Level 1
10
Boost Level 2
11
Boost Level 3
[4:3]
ADCBIAS[1:0]
ADC bias control. Sets the bias current for the ADCs based on the mode of operation selected.
Setting
ADC Bias Control
00
Normal operation (default)
01
Extreme power saving
10
Enhanced performance
11
Power saving
[2:1]
RBIAS[1:0]
Record path bias control. Sets the bias current for the PGAs and mixers in the record path.
Setting
Record Path Bias Control
00
Normal operation (default)
01
Reserved
10
Enhanced performance
11
Power saving



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com