Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAU1761BCPZ-R7 Datasheet(PDF) 17 Page - Analog Devices

Part # ADAU1761BCPZ-R7
Description  24-Bit Audio Codec with Integrated PLL
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAU1761BCPZ-R7 Datasheet(HTML) 17 Page - Analog Devices

Back Button ADAU1761BCPZ-R7 Datasheet HTML 13Page - Analog Devices ADAU1761BCPZ-R7 Datasheet HTML 14Page - Analog Devices ADAU1761BCPZ-R7 Datasheet HTML 15Page - Analog Devices ADAU1761BCPZ-R7 Datasheet HTML 16Page - Analog Devices ADAU1761BCPZ-R7 Datasheet HTML 17Page - Analog Devices ADAU1761BCPZ-R7 Datasheet HTML 18Page - Analog Devices ADAU1761BCPZ-R7 Datasheet HTML 19Page - Analog Devices ADAU1761BCPZ-R7 Datasheet HTML 20Page - Analog Devices ADAU1761BCPZ-R7 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 93 page
background image
ADAU1761
Rev. C | Page 16 of 92
Pin No.
Mnemonic
Type1
Description
19
RHP
A_OUT
Right Headphone Output. Biased at AVDD/2.
20
LHP
A_OUT
Left Headphone Output. Biased at AVDD/2.
21
MONOOUT
A_OUT
Mono Output or Virtual Ground for Capless Headphone. Biased at AVDD/2 when set as mono
output.
22
AGND
PWR
Analog Ground. The AGND and DGND pins can be tied together on a common ground plane.
AGND should be decoupled locally to AVDD with a 100 nF capacitor.
23
AVDD
PWR
1.8 V to 3.3 V Analog Supply for ADC, Output Driver, and Input to Digital Supply Regulator.
This pin should be decoupled locally to AGND with a 100 nF capacitor.
24
DVDDOUT
PWR
Digital Core Supply Decoupling Point. The digital supply is generated from an on-board
regulator and does not require an external supply. DVDDOUT should be decoupled to DGND
with a 100 nF capacitor and a 10 μF capacitor.
25
DGND
PWR
Digital Ground. The AGND and DGND pins can be tied together on a common ground plane.
DGND should be decoupled to DVDDOUT and to IOVDD with 100 nF capacitors and 10 μF
capacitors.
26
ADC_SDATA/GPIO1
D_IO
ADC Serial Output Data (ADC_SDATA).
General-Purpose Input/Output 1 (GPIO1).
27
DAC_SDATA/GPIO0
D_IO
DAC Serial Input Data (DAC_SDATA).
General-Purpose Input/Output 0 (GPIO0).
28
BCLK/GPIO2
D_IO
Serial Data Port Bit Clock (BCLK).
General-Purpose Input/Output 2 (GPIO2).
29
LRCLK/GPIO3
D_IO
Serial Data Port Frame Clock (LRCLK).
General-Purpose Input/Output 3 (GPIO3).
30
ADDR1/CDATA
D_IN
I2C Address Bit 1 (ADDR1).
SPI Data Input (CDATA).
31
SDA/COUT
D_IO
I2C Data (SDA). This pin is a bidirectional open-collector input/output. The line connected to
this pin should have a 2 kΩ pull-up resistor.
SPI Data Output (COUT). This pin is used for reading back registers and memory locations. It is
three-state when an SPI read is not active.
32
SCL/CCLK
D_IN
I2C Clock (SCL). This pin is always an open-collector input when in I2C control mode. The line
connected to this pin should have a 2 kΩ pull-up resistor.
SPI Clock (CCLK). This pin can run continuously or be gated off between SPI transactions.
EP
Exposed Pad
Exposed Pad. The exposed pad is connected internally to the ADAU1761 grounds. For
increased reliability of the solder joints and maximum thermal capability, it is recommended
that the pad be soldered to the ground plane. See the Exposed Pad PCB Design section for
more information.
1 A_IN = analog input, A_OUT = analog output, D_IN = digital input, D_IO = digital input/output, PWR = power.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com