Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MH2501SC Datasheet(PDF) 17 Page - Shindengen Electric Mfg.Co.Ltd

Part # MH2501SC
Description  Easy Multi Interleave Controller for multi-phase interleaved PFC
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

MH2501SC Datasheet(HTML) 17 Page - Shindengen Electric Mfg.Co.Ltd

Back Button MH2501SC Datasheet HTML 13Page - Shindengen Electric Mfg.Co.Ltd MH2501SC Datasheet HTML 14Page - Shindengen Electric Mfg.Co.Ltd MH2501SC Datasheet HTML 15Page - Shindengen Electric Mfg.Co.Ltd MH2501SC Datasheet HTML 16Page - Shindengen Electric Mfg.Co.Ltd MH2501SC Datasheet HTML 17Page - Shindengen Electric Mfg.Co.Ltd MH2501SC Datasheet HTML 18Page - Shindengen Electric Mfg.Co.Ltd MH2501SC Datasheet HTML 19Page - Shindengen Electric Mfg.Co.Ltd MH2501SC Datasheet HTML 20Page - Shindengen Electric Mfg.Co.Ltd MH2501SC Datasheet HTML 21Page - Shindengen Electric Mfg.Co.Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 33 page
background image
SHINDENGEN
ELECTRIC MFG.CO.,LTD
- 17 -
2.9
Application circuit
2.9.1 Slave stop protection
Master
Slave
The TIMER and LATCH pins of the slave IC and the COMP pin of the master IC can be used to
keep the master IC from operating independently while the slave IC is not working due to an
external problem. For example, if the interleaving signal wire is disconnected.
Fig. 20 shows an example of a 3-phase connection circuit. Fig. 21 shows the circuit operating
sequence.
As shown in Fig. 20, the control coil of each choke coil is connected to the TIMER and LATCH
pins of the slave IC and the COMP pin of the master IC. See Fig. 20 for the structure and polarity
of each choke coil.
During normal operations, the TIMER pin voltage is kept near 0 V by charging and discharging
each control coil. The LATCH pin is in a low impedance state (GND level).
If a slave IC fails to function due to a problem, the TIMER pin voltage increases. When the
voltage reaches 2.5 V, the LATCH pin enters and remains in a high impedance state (open
collector). This activates the transistor connected between the COMP and GND pins of the
master IC and halts the oscillation of the master IC.
The LATCH pin is unlatched when VCC is reduced to 7.5 V or less. If you do not intend to use this
function, short-circuit the TIMER pin and the GND.
During certain periods, only the master IC operates while the slave IC does not—for instance,
when the output overvoltage protection (OVP) is on at startup. In this case, the TIMER pin is
discharged by the switch in the slave IC to 0 V.
As soon as the OVP is released, the slave IC stops discharging the TIMER pin. See Section
2.8.2 for more information on output overvoltage protection (OVP).
~
~
+
ー
Master
IC
Slave IC
(1)
Slave IC
(2)
COMP
Vcc
LATCH
(S1)
TIMER
(S1)
Vcc
LATCH
(S2)
TIMER
(S2)
1000p
22k
22k
56k
56k
56k
1u
1u
56k
1k
Fig. 20 Examples of circuit configurations that protect against problems with the slave



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com