Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MH2501SC Datasheet(PDF) 22 Page - Shindengen Electric Mfg.Co.Ltd

Part # MH2501SC
Description  Easy Multi Interleave Controller for multi-phase interleaved PFC
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

MH2501SC Datasheet(HTML) 22 Page - Shindengen Electric Mfg.Co.Ltd

Back Button MH2501SC Datasheet HTML 18Page - Shindengen Electric Mfg.Co.Ltd MH2501SC Datasheet HTML 19Page - Shindengen Electric Mfg.Co.Ltd MH2501SC Datasheet HTML 20Page - Shindengen Electric Mfg.Co.Ltd MH2501SC Datasheet HTML 21Page - Shindengen Electric Mfg.Co.Ltd MH2501SC Datasheet HTML 22Page - Shindengen Electric Mfg.Co.Ltd MH2501SC Datasheet HTML 23Page - Shindengen Electric Mfg.Co.Ltd MH2501SC Datasheet HTML 24Page - Shindengen Electric Mfg.Co.Ltd MH2501SC Datasheet HTML 25Page - Shindengen Electric Mfg.Co.Ltd MH2501SC Datasheet HTML 26Page - Shindengen Electric Mfg.Co.Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 33 page
background image
SHINDENGEN
ELECTRIC MFG.CO.,LTD
- 22 -
4
Determining peripheral circuit constants
The characteristics of a PFC circuit also depend largely on peripheral components besides IC.
For optimum design, clarify the specifications for the required power supply and select
components as described below.
4.1
Selecting choke coils (L111, L121, L131…)
Choke coils are important components that can determine the performance of a PFC circuit. Work
out the ideal constants for PFC circuit specifications using the formulas below. Inquire with coil
manufacturers, if necessary.
Check for rising core and coil temperatures in an actual device before finalizing coil and core
sizes.
<Selecting the core size>
Select the core size to make sure that core gap Ig does not exceed 2 mm.
Use formulas (1) to (5) below to calculate the core gap Ig.
]
mm
[
10
Lp
4
lg
7
-
2
  
Np
Ae
... (1)
]
mH
[
10
Idp
2
min
)
(
3   
AC
Vin
Ton
Lp
... (2)
]
A
[
Vin(AC)min
2
2
  
Ps
Idp
... (3)
]
[
min
max
s
f
Don
T
Don
Ton
  
... (4)
Vo
AC
Vin
Vo
Don
2
min
)
(
... (5)
Ae represents the effective cross sectional area [mm
2] of the core, Ps the output power [W] (1.2 to
1.5 times as high as Po(max)) at the droop point, and fmin the minimum oscillation frequency [Hz]
(auto-sensing power supply: 40 k to 60 kHz, 100 V/ 200 V group: 50 k to 70 kHz). The figures in
parentheses are provided as guidelines only.
<Number of turns of Np coil>
The result given by formula (6), rounded down to the nearest integer, gives the number of turns of
the Np choke coil.
]
[
10
Ae
B
2
min
)
(
9
Turn
AC
Vin
Ton
Np
  
Δ
... (6)
ΔB represents the magnetic flux density variation [mT] of the core. ΔB can vary significantly from
core to core. Inquire with the coil manufacturer.
<Number of turns of Nc coil>
Apply formula (7) to select the minimum integer for the number of turns of the Nc coil. A minimum
voltage of 1.5 V should be generated in the control coil at maximum input voltage.
]
[
max}
)
(
2
{
5
.
1
Turn
AC
Vin
Vo
Np
Nc
  
... (7)
In the case of an auto-sensing power supply, assuming that Vin(AC)max is 264 V and that PFC
output voltage Vo is 390 V, a ratio of the numbers of turns of Np and Nc is approximately 10 to 1.
Example) The number of turns of Np with an auto-sensing power supply is 50.
Assuming that Vin(AC)max = 264 V and Vo = 390 V, Nc > 4.5 and Nc = 5 turns.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com