Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCMP372DQ7 Datasheet(PDF) 7 Page - World Produts Inc.

Part # PCMP372DQ7
Description  Self-healing properties
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WPI [World Produts Inc.]
Direct Link  http://www.worldproducts.com
Logo WPI - World Produts Inc.

PCMP372DQ7 Datasheet(HTML) 7 Page - World Produts Inc.

  PCMP372DQ7 Datasheet HTML 1Page - World Produts Inc. PCMP372DQ7 Datasheet HTML 2Page - World Produts Inc. PCMP372DQ7 Datasheet HTML 3Page - World Produts Inc. PCMP372DQ7 Datasheet HTML 4Page - World Produts Inc. PCMP372DQ7 Datasheet HTML 5Page - World Produts Inc. PCMP372DQ7 Datasheet HTML 6Page - World Produts Inc. PCMP372DQ7 Datasheet HTML 7Page - World Produts Inc. PCMP372DQ7 Datasheet HTML 8Page - World Produts Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Pilkor components
PFC Input Capacitors
PCMP 372
Metallized Polypropylene film capacitors
(MPP)
263
STORAGE TEMPERATURE
. Storage temperature : Tstg = -25 to +40℃ with RH maximum 80% without condensation.
RATINGS AND CHARACTERISTICS
Unless otherwise specified all electrical values apply at an ambient temperature of 23 ±1℃, an
atmospheric pressure of 86 to 106kPa and a relative humidity of 50 ±2%.
For reference testing a conditioning period shall be applied of 96 ±4 hours by heating the products in a
circulating air oven at the rated temperature and a relative humidity not exceeding 20%.
CHARACTERISTICS
●
Test Voltage
- Cut off current 10mA / rise time 100V/sec.
- Test Voltage ( between lead and lead ) : 1.6 x VRdc, 1min.
- Test Voltage ( between leads and case ) : 2840 Vdc, 1min.
●
Capacitance
. Capacitance : Within specified tolerance range when sine wave AC is applied
at 1kHz ±200Hz and 5Vrms
●
Dissipation Factor(DF)
. Dissipation factor: When sine wave AC is applied at 10kHz and ≤1 Vrms, DF<20X10
-4
●
Insulation Resistance
. The insulation resistance is measured for 1min.±5s, at 100V for VRdc<500V, at 500V for VRdc≥500V
( R = insulation resistance between the terminations[Ω], C= capacitance[Farad] )
●
Self heating temperature
. Maximum allowable rise is 7℃
●
Rated Voltage Pulse Load Slope(dV/dt)R
. For values see specific reference data. IF the pulse voltage is lower than the rated voltage, the values
of the specific reference data must be multiplied by VRdc and divided by the applied voltage.
MAXIMUM RATED VOLTAGE PULSE SLOPE (V/㎲)
Rated voltage
P = 10.0 mm
P = 15.0 mm
P = 22.5 mm
P = 27.5 mm
450V mini/ 500V mini
150
95
60
-
630V mini
270
141
85
65
Minimum RC
Minimum Insulation Resistance
Rated voltage
Capacitance > 0.33uF
Capacitance ≤ 0.33uF
450V mini/ 500V mini/ 630V mini
> 10,000s
> 30GΩ



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com