Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCMP372DQ7 Datasheet(PDF) 1 Page - World Produts Inc.

Part # PCMP372DQ7
Description  Self-healing properties
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WPI [World Produts Inc.]
Direct Link  http://www.worldproducts.com
Logo WPI - World Produts Inc.

PCMP372DQ7 Datasheet(HTML) 1 Page - World Produts Inc.

  PCMP372DQ7 Datasheet HTML 1Page - World Produts Inc. PCMP372DQ7 Datasheet HTML 2Page - World Produts Inc. PCMP372DQ7 Datasheet HTML 3Page - World Produts Inc. PCMP372DQ7 Datasheet HTML 4Page - World Produts Inc. PCMP372DQ7 Datasheet HTML 5Page - World Produts Inc. PCMP372DQ7 Datasheet HTML 6Page - World Produts Inc. PCMP372DQ7 Datasheet HTML 7Page - World Produts Inc. PCMP372DQ7 Datasheet HTML 8Page - World Produts Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Pilkor components
PFC Input Capacitors
PCMP 372
Metallized Polypropylene film capacitors
(MPP)
257
MKP RADIAL POTTED CAPACITORS
Pitch 10.0/15.0/22.5/27.5mm
QUICK REFERENCE DATA
Capacitance range (E6 series)
Capacitance tolerance
Rated voltage (DC)
Climatic category
Temperature range
Reference specification
Potting & Encapsulation material
0.022 to 2.2㎌
±
5%, ±10%
450V, 500V, 630 V
40/105/21
-40℃ ~ + 105℃
IEC 60384-16
Qualified in accordance with UL94V-0
FEATURES
APPLICATIONS
. Low-noise
. Self-healing properties
. Low dissipation factor
. Low ESR
. Supplied loose in box & ammo packing
. PFC Input Capacitor for LCD/PDP power
• Please refer to caution and warning at http://www.pilkor.co.kr/download/Introductions.pdf
before using these products.


Similar Part No. - PCMP372DQ7

ManufacturerPart #DatasheetDescription
logo
World Produts Inc.
PCMP352 WPI-PCMP352 Datasheet
233Kb / 9P
Self-healing properties
PCMP384 WPI-PCMP384 Datasheet
324Kb / 26P
Small dimension for high density packaging
PCMP384D02 WPI-PCMP384D02 Datasheet
324Kb / 26P
Small dimension for high density packaging
PCMP384D03 WPI-PCMP384D03 Datasheet
324Kb / 26P
Small dimension for high density packaging
PCMP384D05 WPI-PCMP384D05 Datasheet
324Kb / 26P
Small dimension for high density packaging
More results

Similar Description - PCMP372DQ7

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
GTO1200-2R VISHAY-GTO1200-2R Datasheet
55Kb / 2P
Snubber Capacitors, Dry Self-healing
25-Mar-02
GTO2940-12RP VISHAY-GTO2940-12RP Datasheet
43Kb / 2P
GTO Clamping Capacitors, Self-healing, Segmented
14-Jan-02
logo
MRV Communications, Inc...
EM316OSSH MRV-EM316OSSH Datasheet
396Kb / 3P
Optical Self-Healing Switch
logo
Panasonic Semiconductor
ECQE6822F PANASONIC-ECQE6822F Datasheet
173Kb / 9P
Self-healing property
ECQ-E2106KF PANASONIC-ECQ-E2106KF Datasheet
173Kb / 9P
Self-healing property
logo
Kemet Corporation
C4A KEMET-C4A Datasheet
287Kb / 3P
Self-Healing
logo
Illinois Capacitor, Inc...
MSR ILLINOISCAPACITOR-MSR Datasheet
213Kb / 2P
Small size ??Self Healing ??Low Cost
MTB ILLINOISCAPACITOR-MTB Datasheet
278Kb / 3P
Self Healing ??Small Size ??Low ESR
logo
World Produts Inc.
PCMP352 WPI-PCMP352 Datasheet
233Kb / 9P
Self-healing properties
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com