Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCMP389F6A Datasheet(PDF) 4 Page - World Produts Inc.

Part # PCMP389F6A
Description  Low loss dielectric
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WPI [World Produts Inc.]
Direct Link  http://www.worldproducts.com
Logo WPI - World Produts Inc.

PCMP389F6A Datasheet(HTML) 4 Page - World Produts Inc.

  PCMP389F6A Datasheet HTML 1Page - World Produts Inc. PCMP389F6A Datasheet HTML 2Page - World Produts Inc. PCMP389F6A Datasheet HTML 3Page - World Produts Inc. PCMP389F6A Datasheet HTML 4Page - World Produts Inc. PCMP389F6A Datasheet HTML 5Page - World Produts Inc. PCMP389F6A Datasheet HTML 6Page - World Produts Inc. PCMP389F6A Datasheet HTML 7Page - World Produts Inc. PCMP389F6A Datasheet HTML 8Page - World Produts Inc. PCMP389F6A Datasheet HTML 9Page - World Produts Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Pilkor components
AC and Pulse
PCMP 389
Metallized Polypropylene film capacitors
156
VRdc = 250 V
VRac = 160 V
~
Vp-p = 450 V
CATALOGUE NUMBER
PCMP 389 …..
loose in box
ammo packing
lt = 5.0 ± 1.0 mm
H = 18.5 mm
Cap
(㎌)
b x h x l
(mm)
Mass
(g)
C – tol. ± 5%
C – tol. ± 5%
Pitch = 10.0
± 0.4 mm
dt = 0.6 mm ( + 0.06 / - 0.05)
0.047
0.051
0.056
0.062
0.068
4.0 x 10.0 x 12.5
0.8
PCMP 389 42473
PCMP 389 42513
PCMP 389 42563
PCMP 389 42623
PCMP 389 42683
PCMP 389 45473
PCMP 389 45513
PCMP 389 45563
PCMP 389 45623
PCMP 389 45683
0.075
0.082
0.091
5.0 x 11.0 x 12.5
0.9
PCMP 389 42753
PCMP 389 42823
PCMP 389 42913
PCMP 389 45753
PCMP 389 45823
PCMP 389 45913
0.10
0.11
0.12
6.0 x 12.0 x 12.5
1.0
PCMP 389 42104
PCMP 389 42114
PCMP 389 42124
PCMP 389 45104
PCMP 389 45114
PCMP 389 45124
Pitch = 15.0
± 0.4 mm
dt = 0.8 mm ( + 0.08 / - 0.05)
0.10
0.11
0.12
0.13
0.15
0.16
5.0 x 11.0 x 18.0
1.2
PCMP 389F42104
PCMP 389F42114
PCMP 389F42124
PCMP 389 42134
PCMP 389 42154
PCMP 389 42164
PCMP 389F45104
PCMP 389F45114
PCMP 389F45124
PCMP 389 45134
PCMP 389 45154
PCMP 389 45164
0.18
0.20
0.22
0.24
6.0 x 12.0 x 18.0
1.4
PCMP 389 42184
PCMP 389 42204
PCMP 389 42224
PCMP 389 42244
PCMP 389 45184
PCMP 389 45204
PCMP 389 45224
PCMP 389 45244
0.27
0.30
0.33
7.0 x 13.5 x 18.0
1.9
PCMP 389 42274
PCMP 389 42304
PCMP 389 42334
PCMP 389 45274
PCMP 389 45304
PCMP 389 45334
0.36
0.39
0.43
0.47
8.5 x 15.0 x 18.0
2.6
PCMP 389 42364
PCMP 389 42394
PCMP 389 42434
PCMP 389 42474
PCMP 389 45364
PCMP 389 45394
PCMP 389 45434
PCMP 389 45474
Pitch = 22.5
± 0.4 mm
dt = 0.8 mm ( + 0.08 / - 0.05)
0.33
0.36
0.39
0.43
0.47
0.51
0.56
0.62
7.0 X 16.5 X 26.0
3.1
PCMP 389J42334
PCMP 389J42364
PCMP 389J42394
PCMP 389J42434
PCMP 389J42474
PCMP 389 42514
PCMP 389 42564
PCMP 389 42624
PCMP 389J45334
PCMP 389J45364
PCMP 389J45394
PCMP 389J45434
PCMP 389J45474
PCMP 389 45514
PCMP 389 45564
PCMP 389 45624
0.68
0.75
0.82
0.91
8.5 X 18.0 X 26.0
4.4
PCMP 389 42684
PCMP 389 42754
PCMP 389 42824
PCMP 389 42914
PCMP 389 45684
PCMP 389 45754
PCMP 389 45824
PCMP 389 45914
1.0
1.1
1.2
10.0 X 19.5 X 26.0
5.5
PCMP 389 42105
PCMP 389 42115
PCMP 389 42125
PCMP 389 45105
PCMP 389 45115
PCMP 389 45125



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com