Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCMP389F6A Datasheet(PDF) 6 Page - World Produts Inc.

Part # PCMP389F6A
Description  Low loss dielectric
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WPI [World Produts Inc.]
Direct Link  http://www.worldproducts.com
Logo WPI - World Produts Inc.

PCMP389F6A Datasheet(HTML) 6 Page - World Produts Inc.

Back Button PCMP389F6A Datasheet HTML 2Page - World Produts Inc. PCMP389F6A Datasheet HTML 3Page - World Produts Inc. PCMP389F6A Datasheet HTML 4Page - World Produts Inc. PCMP389F6A Datasheet HTML 5Page - World Produts Inc. PCMP389F6A Datasheet HTML 6Page - World Produts Inc. PCMP389F6A Datasheet HTML 7Page - World Produts Inc. PCMP389F6A Datasheet HTML 8Page - World Produts Inc. PCMP389F6A Datasheet HTML 9Page - World Produts Inc. PCMP389F6A Datasheet HTML 10Page - World Produts Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Pilkor components
AC and Pulse
PCMP 389
Metallized Polypropylene film capacitors
158
VRdc = 400 V
VRac = 200 V
~
Vp-p = 560 V
CATALOGUE NUMBER
PCMP 389 .....
loose in box
ammo packing
lt = 5.0 ± 1.0 mm
H = 18.5 mm
Cap
(㎌)
b x h x l
(mm)
Mass
(g)
C – tol. ± 5%
C – tol. ± 5%
Pitch = 10.0
± 0.4 mm
dt = 0.6 mm ( + 0.06 / - 0.05)
0.022
0.024
0.027
0.030
0.033
4.0 x 10.0 x 12.5
0.8
PCMP 389 52223
PCMP 389 52243
PCMP 389 52273
PCMP 389 52303
PCMP 389 52333
PCMP 389 55223
PCMP 389 55243
PCMP 389 55273
PCMP 389 55303
PCMP 389 55333
0.036
0.039
0.043
0.047
5.0 x 11.0 x 12.5
0.9
PCMP 389 52363
PCMP 389 52393
PCMP 389 52433
PCMP 389 52473
PCMP 389 55363
PCMP 389 55393
PCMP 389 55433
PCMP 389 55473
0.051
0.056
6.0 x 12.0 x 12.5
1.0
PCMP 389 52513
PCMP 389 52563
PCMP 389 55513
PCMP 389 55563
Pitch = 15.0
± 0.4 mm
dt = 0.8 mm ( + 0.08 / - 0.05)
0.047
0.051
0.056
0.062
0.068
0.075
0.082
5.0 x 11.0 x 18.0
1.2
PCMP 389F52473
PCMP 389F52513
PCMP 389F52563
PCMP 389 52623
PCMP 389 52683
PCMP 389 52753
PCMP 389 52823
PCMP 389F55473
PCMP 389F55513
PCMP 389F55563
PCMP 389 55623
PCMP 389 55683
PCMP 389 55753
PCMP 389 55823
0.091
0.10
0.11
0.12
6.0 x 12.0 x 18.0
1.4
PCMP 389 52913
PCMP 389 52104
PCMP 389 52114
PCMP 389 52124
PCMP 389 55913
PCMP 389 55104
PCMP 389 55114
PCMP 389 55124
0.13
0.15
0.16
7.0 x 13.5 x 18.0
1.9
PCMP 389 52134
PCMP 389 52154
PCMP 389 52164
PCMP 389 55134
PCMP 389 55154
PCMP 389 55164
0.18
0.20
0.22
8.5 x 15.0 x 18.0
2.6
PCMP 389 52184
PCMP 389 52204
PCMP 389 52224
PCMP 389 55184
PCMP 389 55204
PCMP 389 55224
Pitch = 22.5
± 0.4 mm
dt = 0.8 mm ( + 0.08 / - 0.05)
0.18
0.20
0.22
0.24
0.27
0.30
7.0 X 16.5 X 26.0
3.1
PCMP 389J52184
PCMP 389J52204
PCMP 389J52224
PCMP 389 52244
PCMP 389 52274
PCMP 389 52304
PCMP 389J55184
PCMP 389J55204
PCMP 389J55224
PCMP 389 55244
PCMP 389 55274
PCMP 389 55304
0.33
0.36
0.39
0.43
0.47
8.5 X 18.0 X 26.0
4.4
PCMP 389 52334
PCMP 389 52364
PCMP 389 52394
PCMP 389 52434
PCMP 389 52474
PCMP 389 55334
PCMP 389 55364
PCMP 389 55394
PCMP 389 55434
PCMP 389 55474
0.51
0.56
0.62
10.0 X 19.5 X 26.0
5.5
PCMP 389 52514
PCMP 389 52564
PCMP 389 52624
PCMP 389 55514
PCMP 389 55564
PCMP 389 55624



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com