Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCPW245LL6 Datasheet(PDF) 6 Page - World Produts Inc.

Part # PCPW245LL6
Description  High capacitance density
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WPI [World Produts Inc.]
Direct Link  http://www.worldproducts.com
Logo WPI - World Produts Inc.

PCPW245LL6 Datasheet(HTML) 6 Page - World Produts Inc.

Back Button PCPW245LL6 Datasheet HTML 2Page - World Produts Inc. PCPW245LL6 Datasheet HTML 3Page - World Produts Inc. PCPW245LL6 Datasheet HTML 4Page - World Produts Inc. PCPW245LL6 Datasheet HTML 5Page - World Produts Inc. PCPW245LL6 Datasheet HTML 6Page - World Produts Inc. PCPW245LL6 Datasheet HTML 7Page - World Produts Inc. PCPW245LL6 Datasheet HTML 8Page - World Produts Inc. PCPW245LL6 Datasheet HTML 9Page - World Produts Inc. PCPW245LL6 Datasheet HTML 10Page - World Produts Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
Pilkor components
Metallized Polypropylene Film Capacitors
PCPW 245
( DC-link application )
312
VRdc = 900Vdc
Vpk = 1125 Vdc
Code
PCPW 245
Arrange Pack.
P1±0.5
(mm)
Irms
(1)
(A)
ESR
(2)
(mΩ)
Tol. ± 5% / lt = 5±1 mm
Cap
(㎌)
b x h x l
(mm)
4-pin
dv/dt
(V/us )
Ipk
(A)
2-pin
4-pin
2-pin
4-pin
2-pin
4-pin
Pitch = 27.5 ± 0.4 mm
dt = 0.8
dt = 1.2
2
15.0 x 25.0 x 31.0
-
75
150
4.0
-
7.0
-
LS4205
-
5
21.0 x 31.0 x 31.0
-
75
375
6.5
-
6.0
-
LS4505
-
Pitch = 37.5 ± 0.7 mm
dt = 1.0
dt = 1.2
8
20.0 X 35.0 X 42.0
10.2
54
432
6.6
8.0
9.2
8.7
QS4805
QSD805
10
24.0 X 39.0 X 42.0
10.2
54
540
8.2
9.4
7.8
7.3
QS4106
QSD106
12
24.0 X 39.0 X 42.0
10.2
54
648
9.8
11.0
6.0
5.5
QS4126
QSD126
15
28.0 X 43.0 X 42.0
10.2
54
810
11.8
12.8
4.1
3.6
QS4156
QSD156
18
30.0 X 45.0 X 42.0
20.3
54
972
12.3
13.3
3.7
3.2
QS4186
QSD186
Pitch = 52.5 ± 0.7 mm
dt = 1.2
dt = 1.2
20
30.0 X 45.0 X 57.0
20.3
35
700
-
10.0
-
11.0
-
TSD206
25
30.0 X 45.0 X 57.0
20.3
35
875
-
11.5
-
9.0
-
TSD256
30
35.0 X 50.0 X 57.0
20.3
35
1050
-
13.0
-
7.0
-
TSD306
35
35.0 X 50.0 X 57.0
20.3
35
1225
-
15.5
-
6.0
-
TSD356
40
45.0 X 55.0 X 57.0
20.3
35
1400
-
16.0
-
5.7
-
TSD406
45
45.0 X 55.0 X 57.0
20.3
35
1575
-
18.0
-
5.5
-
TSD456
50
45.0 X 55.0 X 57.0
20.3
35
1750
-
20.0
-
5.3
-
TSD506
55
45.0 X 65.0 X 57.0
20.3
35
1925
-
22.0
-
5.1
-
TSD556
60
45.0 X 65.0 X 57.0
20.3
35
2100
-
25.0
-
4.9
-
TSD606
(1) Max. at 10KHz, +70℃
(2) Typical values at 10KHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com