Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCPW245LL6 Datasheet(PDF) 7 Page - World Produts Inc.

Part # PCPW245LL6
Description  High capacitance density
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WPI [World Produts Inc.]
Direct Link  http://www.worldproducts.com
Logo WPI - World Produts Inc.

PCPW245LL6 Datasheet(HTML) 7 Page - World Produts Inc.

Back Button PCPW245LL6 Datasheet HTML 3Page - World Produts Inc. PCPW245LL6 Datasheet HTML 4Page - World Produts Inc. PCPW245LL6 Datasheet HTML 5Page - World Produts Inc. PCPW245LL6 Datasheet HTML 6Page - World Produts Inc. PCPW245LL6 Datasheet HTML 7Page - World Produts Inc. PCPW245LL6 Datasheet HTML 8Page - World Produts Inc. PCPW245LL6 Datasheet HTML 9Page - World Produts Inc. PCPW245LL6 Datasheet HTML 10Page - World Produts Inc. PCPW245LL6 Datasheet HTML 11Page - World Produts Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
Pilkor components
Metallized Polypropylene Film Capacitors
PCPW 245
( DC-link application )
313
VRdc = 1100Vdc
Vpk = 1375 Vdc
Code
PCPW 245
Arrange Pack.
P1±0.5
(mm)
Irms
(1)
(A)
ESR
(2)
(mΩ)
Tol. ± 5% / lt = 5±1 mm
Cap
(㎌)
b x h x l
(mm)
4-pin
dv/dt
(V/us )
Ipk
(A)
2-pin
4-pin
2-pin
4-pin
2-pin
4-pin
Pitch = 27.5 ± 0.4 mm
dt = 0.8
dt = 1.2
1.5
15.0 x 25.0 x 31.0
-
100
150
4.5
-
7.5
-
LT4155
-
3
21.0 x 31.0 x 31.0
-
100
300
6.0
-
6.5
-
LT4305
-
Pitch = 37.5 ± 0.7 mm
dt = 1.0
dt = 1.2
5
18.0 X 33.0 X 42.0
10.2
73
365
7.1
7.6
9.3
8.3
QT4505
QTD505
6
20.0 X 35.0 X 42.0
10.2
73
438
7.7
8.2
8.5
7.5
QT4605
QTD605
8
24.0 X 39.0 X 42.0
10.2
73
584
9.1
9.6
6.9
6.4
QT4805
QTD805
10
28.0 X 43.0 X 42.0
10.2
73
730
10.3
10.8
5.4
4.9
QT4106
QTD106
12
28.0 X 43.0 X 42.0
10.2
73
876
11.6
12.1
4.3
3.7
QT4126
QTD126
Pitch = 52.5 ± 0.7 mm
dt = 1.2
dt = 1.2
15
30.0 X 45.0 X 57.0
20.3
50
750
-
10.5
-
10.5
-
TTD156
20
35.0 X 50.0 X 57.0
20.3
50
1000
-
12.5
-
8.0
-
TTD206
25
35.0 X 50.0 X 57.0
20.3
50
1250
-
15.0
-
6.5
-
TTD256
30
45.0 X 55.0 X 57.0
20.3
50
1500
-
17.5
-
6.0
-
TTD306
35
45.0 X 55.0 X 57.0
20.3
50
1750
-
20.5
-
5.5
-
TTD356
40
45.0 X 65.0 X 57.0
20.3
50
2000
-
22.5
-
5.2
-
TTD406
45
45.0 X 65.0 X 57.0
20.3
50
2250
-
24.5
-
4.9
-
TTD456
(1) Max. at 10KHz, +70℃
(2) Typical values at 10KHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com