Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCRC42011 Datasheet(PDF) 5 Page - World Produts Inc.

Part # PCRC42011
Description  Supplied loose in box and taped in ammopack
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WPI [World Produts Inc.]
Direct Link  http://www.worldproducts.com
Logo WPI - World Produts Inc.

PCRC42011 Datasheet(HTML) 5 Page - World Produts Inc.

  PCRC42011 Datasheet HTML 1Page - World Produts Inc. PCRC42011 Datasheet HTML 2Page - World Produts Inc. PCRC42011 Datasheet HTML 3Page - World Produts Inc. PCRC42011 Datasheet HTML 4Page - World Produts Inc. PCRC42011 Datasheet HTML 5Page - World Produts Inc. PCRC42011 Datasheet HTML 6Page - World Produts Inc. PCRC42011 Datasheet HTML 7Page - World Produts Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Pilkor components
EMI Suppression
PCRC 420
film capacitors (RC unit)
151
CONSTRUCTION
MOUNTING
NORMAL USE
The capacitors are designed for mounting on printed-circuit boards.
The capacitors packed in bandoliers are designed for mounting on printed-circuit boards by means of
automatic insertion machines.
For detailed specifications refer to chapter "PACKAGING".
SPECIFIC METHOD OF MOUNTING TO WITHSTAND VIBRATION AND SHOCK
In order to withstand vibration and shock tests, it must be ensured that the stand-off pips are in good
contact with the printed-circuit board.
- For pitches of 15.0mm the capacitors shall be mechanically fixed by leads.
- For pitches of 17.5mm the capacitors shall be mounted in the same way and the body clamped.
SPACE REQUIREMENTS ON PRINTED-CIRCUIT BOARD
The maximum length and width of film capacitors are shown in the following drawing ;
- Eccentricity as in drawing.
The maximum eccentricity is smaller than or equal to the lead diameter of the product concerned.
- Product height with seating plane as given by IEC 60717 as reference : hmax ≤ h+0.3mm
MKP metallized polypropylene film
Carbon resistor
Metal spray layer
Lead wire 0.7Φ
(tin-coated)
Lead wire 0.8Φ
(tin-coated)
Eccentricity
Imax = I +0.3 mm
b max = b + 0.3mm



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com