Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCRC42011 Datasheet(PDF) 6 Page - World Produts Inc.

Part # PCRC42011
Description  Supplied loose in box and taped in ammopack
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WPI [World Produts Inc.]
Direct Link  http://www.worldproducts.com
Logo WPI - World Produts Inc.

PCRC42011 Datasheet(HTML) 6 Page - World Produts Inc.

  PCRC42011 Datasheet HTML 1Page - World Produts Inc. PCRC42011 Datasheet HTML 2Page - World Produts Inc. PCRC42011 Datasheet HTML 3Page - World Produts Inc. PCRC42011 Datasheet HTML 4Page - World Produts Inc. PCRC42011 Datasheet HTML 5Page - World Produts Inc. PCRC42011 Datasheet HTML 6Page - World Produts Inc. PCRC42011 Datasheet HTML 7Page - World Produts Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Pilkor components
EMI Suppression
PCRC 420
film capacitors (RC unit)
152
RATINGS AND CHARACTERISTICS
Unless otherwise specified all electrical values apply to an ambient temperature of 23±1℃,
an atmospheric pressure of 86 to 106KPa and a relative humidity 50±2%.
For reference testing, a conditioning period shall be applied of 96±4 hours by heating the products in a
circulating air oven at the rated temperature and a relative humidity not exceeding 20%.
CAPACITANCE
- All capacitance values are specified at 1 kHz. (Vs. Temperature)
- Capacitance at 25℃ (Vs. Frequency) , ex) 100nF+120Ω
0.1
1
10
100
Capacitance vs frequency
10
2
10
3
10
4
10
5
10
6
10
7
10
8
(nF)
f(Hz)
-2
-1
0
1
2
Tamb(℃)
-40
-20
0
20
40
60
80
100
△
C/C
(%)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com