Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCPW245LL5 Datasheet(PDF) 2 Page - World Produts Inc.

Part # PCPW245LL5
Description  High capacitance density
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WPI [World Produts Inc.]
Direct Link  http://www.worldproducts.com
Logo WPI - World Produts Inc.

PCPW245LL5 Datasheet(HTML) 2 Page - World Produts Inc.

  PCPW245LL5 Datasheet HTML 1Page - World Produts Inc. PCPW245LL5 Datasheet HTML 2Page - World Produts Inc. PCPW245LL5 Datasheet HTML 3Page - World Produts Inc. PCPW245LL5 Datasheet HTML 4Page - World Produts Inc. PCPW245LL5 Datasheet HTML 5Page - World Produts Inc. PCPW245LL5 Datasheet HTML 6Page - World Produts Inc. PCPW245LL5 Datasheet HTML 7Page - World Produts Inc. PCPW245LL5 Datasheet HTML 8Page - World Produts Inc. PCPW245LL5 Datasheet HTML 9Page - World Produts Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Pilkor components
Metallized Polypropylene Film Capacitors
PCPW 245
( DC-link application )
308
Ordering Information
Available versions
Product (lmax)
31.0
42.0
57.0
Code
Packing
method
C-tol.
Lead length
& Height
Lead
Type
Pitch ( P )
6
Loose in box
±10%
lt = 5.0±1.0mm
2-pin
27.5
-
-
7
Loose in box
±5%
lt = 5.0±1.0mm
2-pin
27.5
-
-
3
Loose in box
±10%
lt =25.0±2.0mm
2-pin
27.5
-
-
5
Loose in box
±5%
lt =25.0±2.0mm
2-pin
27.5
-
-
2
Arrange Pack.
±10%
lt = 5.0±1.0mm
2-pin
27.5
37.5
-
4
Arrange Pack.
±5%
lt = 5.0±1.0mm
2-pin
27.5
37.5
-
A
Arrange Pack.
±10%
lt = 5.0±1.0mm
4-pin
-
37.5
52.5
D
Arrange Pack.
±5%
lt = 5.0±1.0mm
4-pin
-
37.5
52.5
Code
Voltage
L
450V
R
700V
S
900V
T
1100V
PCPW 245 X X X X X X
Type series
Capacitance
Code
Original pitch
L
27.5mm
Q
37.5mm
T
52.5mm
b
dt
h
l
lt
b
dt
h
l
lt
P
P
P1±0.5
< 2-pin type >
< 4-pin type >



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com