Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCPW245LL5 Datasheet(PDF) 3 Page - World Produts Inc.

Part # PCPW245LL5
Description  High capacitance density
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WPI [World Produts Inc.]
Direct Link  http://www.worldproducts.com
Logo WPI - World Produts Inc.

PCPW245LL5 Datasheet(HTML) 3 Page - World Produts Inc.

  PCPW245LL5 Datasheet HTML 1Page - World Produts Inc. PCPW245LL5 Datasheet HTML 2Page - World Produts Inc. PCPW245LL5 Datasheet HTML 3Page - World Produts Inc. PCPW245LL5 Datasheet HTML 4Page - World Produts Inc. PCPW245LL5 Datasheet HTML 5Page - World Produts Inc. PCPW245LL5 Datasheet HTML 6Page - World Produts Inc. PCPW245LL5 Datasheet HTML 7Page - World Produts Inc. PCPW245LL5 Datasheet HTML 8Page - World Produts Inc. PCPW245LL5 Datasheet HTML 9Page - World Produts Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Pilkor components
Metallized Polypropylene Film Capacitors
PCPW 245
( DC-link application )
309
Packing Information
Loose in box
Arrange Pack.
SMALLEST PACKING
QUANTITIES
( SPQ )
lt = 5.0 ± 1.0mm
lt = 25.0 ± 2.0mm
lt = 5.0 ± 1.0mm
13.0 x 23.0 x 31.0
15.0 x 25.0 x 31.0
18.0 x 28.0 x 31.0
21.0 x 31.0 x 31.0
250
250
200
150
250
250
200
150
100
120
100
60
18.0 x 33.0 x 42.0
20.0 x 35.0 x 42.0
24.0 x 39.0 x 42.0
28.0 x 43.0 x 42.0
30.0 x 45.0 x 42.0
-
-
-
-
-
-
-
-
-
-
100
90
75
65
60
30.0 x 45.0 x 57.0
35.0 x 50.0 x 57.0
45.0 x 55.0 x 57.0
45.0 x 65.0 x 57.0
-
-
-
-
-
-
-
-
40
40
30
30



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com