Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS8735AM-21 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # ICS8735AM-21
Description  700MHZ, DIFFERENTIAL-TO-3.3V LVPECL ZERO DELAY CLOCK GENERATOR
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ICS8735AM-21 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button ICS8735AM-21 Datasheet HTML 2Page - List of Unclassifed Manufacturers ICS8735AM-21 Datasheet HTML 3Page - List of Unclassifed Manufacturers ICS8735AM-21 Datasheet HTML 4Page - List of Unclassifed Manufacturers ICS8735AM-21 Datasheet HTML 5Page - List of Unclassifed Manufacturers ICS8735AM-21 Datasheet HTML 6Page - List of Unclassifed Manufacturers ICS8735AM-21 Datasheet HTML 7Page - List of Unclassifed Manufacturers ICS8735AM-21 Datasheet HTML 8Page - List of Unclassifed Manufacturers ICS8735AM-21 Datasheet HTML 9Page - List of Unclassifed Manufacturers ICS8735AM-21 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
ICS8735AM-21
www.icst.com/products/hiperclocks.html
REV. D OCTOBER 27, 2003
6
Integrated
Circuit
Systems, Inc.
ICS8735-21
700MHZ, DIFFERENTIAL-TO-3.3V LVPECL
ZERO DELAY CLOCK GENERATOR
PARAMETER MEASUREMENT INFORMATION
3.3V OUTPUT LOAD AC TEST CIRCUIT
OUTPUT SKEW
OUTPUT DUTY CYCLE/PULSE WIDTH/PERIOD
OUTPUT RISE/FALL TIME
DIFFERENTIAL INPUT LEVEL
V
CMR
Cross Points
V
PP
V
EE
CLK
nCLK
V
CC
PHASE JITTER AND STATIC PHASE OFFSET
CLK
nCLK
nQx
SCOPE
Qx
nQx
LVPECL
tsk(o)
Qx
nQy
Qy
Clock
Outputs
20%
80%
80%
20%
tR
t F
VSWING
Pulse Width
t
PERIOD
t
PW
t
PERIOD
odc =
nQ, nQFB
Q, QFB
CYCLE-TO-CYCLE JITTER
nQ,
nQFB
Q,
QFB
PROPAGATION DELAY
➤
➤
nQ, nQFB
Q, QFB
➤t(Ø)
V
OH
V
OL
V
OH
V
OL
CLK
nCLK
nFB_IN
nFB_IN
(where
t(Ø) is any random sample, and t(Ø) mean is the average
of the sampled cycles measured on controlled edges)
t(Ø) mean = Static Phase Offset
tjit(Ø) = t(Ø) — t(Ø) mean = Phase Jitter
t
PD
t
Cycle n
t
JIT(cc) = tCycle n - tCycle n+1
t
Cycle n + 1
2V
-1.3V ± 0.165V
V
CC,
V
CCA, VCCO
V
EE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com