Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS8735AM-21 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # ICS8735AM-21
Description  700MHZ, DIFFERENTIAL-TO-3.3V LVPECL ZERO DELAY CLOCK GENERATOR
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ICS8735AM-21 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  ICS8735AM-21 Datasheet HTML 1Page - List of Unclassifed Manufacturers ICS8735AM-21 Datasheet HTML 2Page - List of Unclassifed Manufacturers ICS8735AM-21 Datasheet HTML 3Page - List of Unclassifed Manufacturers ICS8735AM-21 Datasheet HTML 4Page - List of Unclassifed Manufacturers ICS8735AM-21 Datasheet HTML 5Page - List of Unclassifed Manufacturers ICS8735AM-21 Datasheet HTML 6Page - List of Unclassifed Manufacturers ICS8735AM-21 Datasheet HTML 7Page - List of Unclassifed Manufacturers ICS8735AM-21 Datasheet HTML 8Page - List of Unclassifed Manufacturers ICS8735AM-21 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
8735AM-21
www.icst.com/products/hiperclocks.html
REV. D OCTOBER 27, 2003
1
Integrated
Circuit
Systems, Inc.
ICS8735-21
700MHZ, DIFFERENTIAL-TO-3.3V LVPECL
ZERO DELAY CLOCK GENERATOR
GENERAL DESCRIPTION
The ICS8735-21 is a highly versatile 1:1 Differ-
ential-to-3.3V LVPECL clock generator and a
member of the HiPerClockS™family of High Per-
formance Clock Solutions from ICS. The CLK,
nCLK pair can accept most standard differential
input levels. The ICS8735-21 has a fully integrated PLL and
can be configured as zero delay buffer, multiplier or divider,
and has an output frequency range of 31.25MHz to 700MHz.
The reference divider, feedback divider and output divider
are each programmable, thereby allowing for the following out-
put-to-input frequency ratios: 8:1, 4:1, 2:1, 1:1, 1:2, 1:4, 1:8.
The external feedback allows the device to achieve “zero
delay” between the input clock and the output clocks. The
PLL_SEL pin can be used to bypass the PLL for system test
and debug purposes. In bypass mode, the reference clock
is routed around the PLL and into the internal output dividers.
FEATURES
• 1 differential 3.3V LVPECL output pair,
1 differential feedback output pair
• Differential CLK, nCLK input pair
• CLK, nCLK pair can accept the following differential
input levels: LVDS, LVPECL, LVHSTL, SSTL, HCSL
• Output frequency range: 31.25MHz to 700MHz
• Input frequency range: 31.25MHz to 700MHz
• VCO range: 250MHz to 700MHz
• Programmable dividers allow for the following output-to-input
frequency ratios: 8:1, 4:1, 2:1, 1:1, 1:2, 1:4, 1:8
• External feedback for “zero delay” clock regeneration
with configurable frequencies
• Cycle-to-cycle jitter: 25ps (maximum)
• Static phase offset: 50ps ± 100ps
• 3.3V supply voltage
• 0°C to 70°C ambient operating temperature
• Industrial temperature information available upon request
HiPerClockS™
ICS
BLOCK DIAGRAM
PIN ASSIGNMENT
ICS8735-21
20-Lead, 300-MIL SOIC
7.5mm x 12.8mm x 2.3mm body package
M Package
Top View
CLK
nCLK
MR
VCC
nFB_IN
FB_IN
SEL2
VEE
nQFB
QFB
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
nc
SEL1
SEL0
VCC
PLL_SEL
VCCA
SEL3
VCCO
Q
nQ
PLL_SEL
CLK
nCLK
FB_IN
nFB_IN
SEL0
SEL1
SEL2
SEL3
MR
PLL
8:1, 4:1, 2:1, 1:1,
1:2, 1:4, 1:8
Q
nQ
QFB
nQFB
0
1
÷1, ÷2, ÷4, ÷8,
÷16, ÷32, ÷64


Similar Part No. - ICS8735AM-21

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS8735AK-01 ICST-ICS8735AK-01 Datasheet
287Kb / 17P
1:5 DIFFERENTIAL-TO-3.3V LVPECL ZERO DELAY CLOCK GENERATOR
REV. F NOVEMBER 12, 2004
ICS8735AK-01T ICST-ICS8735AK-01T Datasheet
287Kb / 17P
1:5 DIFFERENTIAL-TO-3.3V LVPECL ZERO DELAY CLOCK GENERATOR
REV. F NOVEMBER 12, 2004
ICS8735AY-01 ICST-ICS8735AY-01 Datasheet
287Kb / 17P
1:5 DIFFERENTIAL-TO-3.3V LVPECL ZERO DELAY CLOCK GENERATOR
REV. F NOVEMBER 12, 2004
ICS8735AY-01T ICST-ICS8735AY-01T Datasheet
287Kb / 17P
1:5 DIFFERENTIAL-TO-3.3V LVPECL ZERO DELAY CLOCK GENERATOR
REV. F NOVEMBER 12, 2004
More results

Similar Description - ICS8735AM-21

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS8735-01 ICST-ICS8735-01 Datasheet
287Kb / 17P
1:5 DIFFERENTIAL-TO-3.3V LVPECL ZERO DELAY CLOCK GENERATOR
REV. F NOVEMBER 12, 2004
logo
Integrated Device Techn...
ICS8735-21 IDT-ICS8735-21 Datasheet
840Kb / 20P
700MHz, DIFFERENTIAL-TO-3.3V LVPECL ZERO DELAY CLOCK GENERATOR
ICS872S480 IDT-ICS872S480 Datasheet
826Kb / 20P
Differential-to-HSTL Zero Delay Clock Generator
8735-31 IDT-8735-31_16 Datasheet
424Kb / 21P
1:5, Differential-to-3.3V LVPECL Zero Delay Clock Generator
87354 IDT-87354 Datasheet
198Kb / 15P
Differential-to-3.3V LVPECL Clock Generator
logo
Renesas Technology Corp
8725B-21 RENESAS-8725B-21 Datasheet
536Kb / 16P
Differential-To-HSTL Zero Delay Clock Generator
REVISION 1 11/12/15
8735-31 RENESAS-8735-31 Datasheet
620Kb / 22P
1:5, Differential-to-3.3V LVPECL Zero Delay Clock Generator
January 27, 2016
8735BI-01 RENESAS-8735BI-01 Datasheet
610Kb / 22P
1:5, Differential-to-3.3V LVPECL Zero Delay Clock Generator
January 27, 2016
8735BI-21 RENESAS-8735BI-21 Datasheet
635Kb / 19P
700MHz, Differential-to-3.3V LVPECL Zero Delay Clock Generator
1/27/15
ICS872S480 RENESAS-ICS872S480 Datasheet
1Mb / 21P
Differential-to-HSTL Zero Delay Clock Generator
APRIL 19, 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com