Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L4962EH Datasheet(PDF) 2 Page - STMicroelectronics

Part # L4962EH
Description  1.5A POWER SWITCHING REGULATOR
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4962EH Datasheet(HTML) 2 Page - STMicroelectronics

  L4962EH Datasheet HTML 1Page - STMicroelectronics L4962EH Datasheet HTML 2Page - STMicroelectronics L4962EH Datasheet HTML 3Page - STMicroelectronics L4962EH Datasheet HTML 4Page - STMicroelectronics L4962EH Datasheet HTML 5Page - STMicroelectronics L4962EH Datasheet HTML 6Page - STMicroelectronics L4962EH Datasheet HTML 7Page - STMicroelectronics L4962EH Datasheet HTML 8Page - STMicroelectronics L4962EH Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
PIN CONNECTION (Top view)
2/15
Symbol
Parameter
Heptawatt
Powerdip
Rth j-case
Thermal resistance junction-case
max
4
°C/W
-
Rth j-pins
Thermal resistance junction-pins
max
-
14
°C/W
Rth j-amb
Thermal resistance junction-ambient
max
50
°C/W
80
°C/W*
* Obtained with the GND pins soldered to printed circuit with minimized copper area.
THERMAL DATA
HEPTAWATT
POWERDIP
NAME
FUNCTION
1
7
SUPPLY VOLTAGE
Unregulated voltage input. An internal regulator powers
the internal logic.
2
10
FEEDBACK INPUT
The feedback terminal of the regulation loop. The output
is connected directly to this terminal for 5.1V operation;
it is connected via a divider for higher voltages.
3
11
FREQUENCY
COMPENSATION
A series RC network connected between this terminal
and ground determines the regulation loop gain
characteristics.
PIN FUNCTIONS
Symbol
Parameter
Value
Unit
V7
Input voltage
50
V
V7 -V2
Input to output voltage difference
50
V
V2
Negative output DC voltage
-1
V
Output peak voltage at t = 0.1
µs; f = 100KHz
-5
V
V11,V15
Voltage at pin 11, 15
5.5
V
V10
Voltage at pin 10
7
V
I11
Pin 11 sink current
1
mA
I14
Pin 14 source current
20
mA
Ptot
Power dissipation at Tpins
≤ 90°C (Powerdip)
Tcase
≤ 90°C (Heptawatt)
4.3
15
W
W
Tj,Tstg
Junction and storage temperature
-40 to 150
°C
ABSOLUTE MAXIMUM RATINGS
L4962



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com