Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L4962EH Datasheet(PDF) 4 Page - STMicroelectronics

Part # L4962EH
Description  1.5A POWER SWITCHING REGULATOR
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4962EH Datasheet(HTML) 4 Page - STMicroelectronics

  L4962EH Datasheet HTML 1Page - STMicroelectronics L4962EH Datasheet HTML 2Page - STMicroelectronics L4962EH Datasheet HTML 3Page - STMicroelectronics L4962EH Datasheet HTML 4Page - STMicroelectronics L4962EH Datasheet HTML 5Page - STMicroelectronics L4962EH Datasheet HTML 6Page - STMicroelectronics L4962EH Datasheet HTML 7Page - STMicroelectronics L4962EH Datasheet HTML 8Page - STMicroelectronics L4962EH Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
4/15
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
DYNAMIC CHARACTERISTICS (cont’d)
f
Switching frequency
85
100
115
KHz
∆ f
∆ Vi
Voltage stability of
switching frequency
Vi = 9V to 46V
0.5
%
∆ f
∆ T
j
Temperature stability of
switching frequency
Tj =0
°C to 125°C1
%
fmax
Maximum operating
switching frequency
Vo =Vref
Io = 1A
120
150
KHz
Tsd
Thermal shutdown
junction temperature
150
°C
DC CHARACTERISTICS
I7Q
Quiescent drain current
100% duty cycle
pins 2 and 14 open
Vi = 46V
30
40
mA
0% duty cycle
15
20
mA
-I2L
Output leakage current
0% duty cycle
1
mA
SOFT START
I15SO
Source current
100
140
180
µA
I15SI
Sink current
50
70
120
µA
ERROR AMPLIFIER
V11H
High level output voltage
V10 = 4.7V
I11 = 100
µA
3.5
V
V11L
Low level output voltage
V10 = 5.3V
I11 = 100
µA
0.5
V
I11SI
Sink output current
V10 = 5.3V
100
150
µA
-I11SO
Source output current
V10 = 4.7V
100
150
µA
I10
Input bias current
V10 = 5.2V
2
10
µA
Gv
DC open loop gain
V11 =1V to 3V
46
55
dB
OSCILLATOR
-I14
Oscillator source current
5
mA
ELECTRICAL CHARACTERISTICS (continued)
L4962



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com