Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MA40220L Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # MA40220L
Description  Silicon planar type
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

MA40220L Datasheet(HTML) 1 Page - Panasonic Semiconductor

  MA40220L Datasheet HTML 1Page - Panasonic Semiconductor MA40220L Datasheet HTML 2Page - Panasonic Semiconductor MA40220L Datasheet HTML 3Page - Panasonic Semiconductor MA40220L Datasheet HTML 4Page - Panasonic Semiconductor MA40220L Datasheet HTML 5Page - Panasonic Semiconductor MA40220L Datasheet HTML 6Page - Panasonic Semiconductor MA40220L Datasheet HTML 7Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Zener Diodes
1
Publication date: February 2002
SKE00004CED
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Forward voltage
VF
IF = 10 mA
0.8
0.9
V
Zener voltage *
2
VZ
IZ
Specified value
V
Zener knee operating resistance
RZK
IZ
Specified value
Ω
Zener operating resistance
RZ
IZ
Specified value
Ω
Reverse current
IR1
VR
Specified value
µA
IR2
VR
Specified value
µA
Temperature coefficient of zener voltage *
3
SZ
IZ
Specified value
mV/
°C
Terminal capacitance
Ct
VR
Specified value
pF
MAZ4000 Series (MA4000 Series)
Silicon planar type
For stabilization of power supply
s Features
• High reliability, achieved by the DHD structure
• Allowing to insert to a 5 mm pitch hole
• Finely divided zener-voltage rank
• Sharp rising performance
• Wide voltage range: V
Z = 2.0 V to 39 V
s Absolute Maximum Ratings T
a = 25°C
Unit: mm
Parameter
Symbol
Rating
Unit
Average forward current
IF(AV)
250
mA
Repetitive peak forward current
IFRM
250
mA
Total power dissipation*
1
Ptot
370
mW
Non-repetitive reverse surge
PZSM
30
W
power dissipation*
2
Junction temperature
Tj
200
°C
Storage temperature
Tstg
−65 to +200
°C
s Common Electrical Characteristics T
a = 25°C
*1
DO-34-A2 Package
Note) *1: With a printed circuit board
*2: t = 100 µs, Tj = 150°C
1st Band
2nd Band
3rd Band
Cathode
Anode
Colored band
indicatesVz
classification
2.7±0.15
2.5±0.1
13 min.
φ1.55±0.2
13 min.
Refer to the list of the
electrical characteristics
within part numbers
Note) 1. Rated input/output frequency: 5 MHz
 
2. *1 : The VZ value is for the temperature of 25°C. In other cases, carry out the temperature compensation.
*2 : Guaranteed at 20 ms after power application.
*3: Tj = 25°C to 150°C
Note) The part number in the parenthesis shows conventional part number.
• Color indication of V
Z rank classification
Rank
L
M
H
Color
Black
Blue
Red


Similar Part No. - MA40220L

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MA40220 MACOM-MA40220 Datasheet
382Kb / 5P
Schottky Detector Diodes
logo
M/A-COM Technology Solu...
MA40220 MA-COM-MA40220 Datasheet
117Kb / 5P
Schottky Detector Diodes
More results

Similar Description - MA40220L

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MA3D690 PANASONIC-MA3D690 Datasheet
45Kb / 2P
Silicon planar type
MA4X348 PANASONIC-MA4X348 Datasheet
41Kb / 2P
Silicon planar type
MAZ1000 PANASONIC-MAZ1000 Datasheet
77Kb / 6P
Silicon planar type
MAZ4000N PANASONIC-MAZ4000N Datasheet
72Kb / 5P
Silicon planar type
MAZ5000 PANASONIC-MAZ5000 Datasheet
56Kb / 3P
Silicon planar type
MAZ8000 PANASONIC-MAZ8000 Datasheet
69Kb / 5P
Silicon planar type
MAZU000 PANASONIC-MAZU000 Datasheet
41Kb / 2P
Silicon planar type
MAZX000 PANASONIC-MAZX000 Datasheet
41Kb / 2P
Silicon planar type
PNA1605F PANASONIC-PNA1605F Datasheet
83Kb / 3P
Silicon planar type
PNZ323 PANASONIC-PNZ323 Datasheet
82Kb / 3P
Silicon planar type
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com