Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MA40220L Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # MA40220L
Description  Silicon planar type
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

MA40220L Datasheet(HTML) 2 Page - Panasonic Semiconductor

  MA40220L Datasheet HTML 1Page - Panasonic Semiconductor MA40220L Datasheet HTML 2Page - Panasonic Semiconductor MA40220L Datasheet HTML 3Page - Panasonic Semiconductor MA40220L Datasheet HTML 4Page - Panasonic Semiconductor MA40220L Datasheet HTML 5Page - Panasonic Semiconductor MA40220L Datasheet HTML 6Page - Panasonic Semiconductor MA40220L Datasheet HTML 7Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
MAZ4000 Series
SKE00004CED
2
MAZ4020
1.88
2.24
MAZ40200L
1.88
2.12
0.5 120
  100 1 2000 −3.5 −1.5 0 375 450 Red Black Black
MAZ40200H
2.01
2.24
MAZ4022
2.08
2.45
MAZ40220L
2.08
2.33
0.7 120
  100 1 2000 −3.5 −1.5 0 375 450 Red
Red
Red
MAZ40220H
2.20
2.45
MAZ4024
2.28
2.4
2.7
MAZ40240L
2.28
2.56
1
120
  100 1 2000 −3.5 −1.6 0 375 450 Red Yellow Yellow
MAZ40240H
2.4
2.7
MAZ4027
2.5
2.7
2.9
MAZ40270L
2.5
2.75
1
100
  100 1 1000 −3.5 −2
0
350 450
Red
Purple Purple
MAZ40270H
2.65
2.9
MAZ4030
2.8
3.0
3.2
MAZ40300L
2.83
2.9
2.97
150
 85 100 1 1000 −3.5 −2.1 0 350 450 Orange Black Black
MAZ40300M
2.93
3.0
3.08
MAZ40300H
3.02
3.1
3.18
MAZ4033
3.1
3.3
3.5
MAZ40330L
3.12
3.2
3.28
120
 83 100 1 1000 −3.5 −2.4 0 325 450 Orange Orange Orange
MAZ40330M
3.22
3.3
3.38
MAZ40330H
3.32
3.4
3.49
MAZ4036
3.4
3.6
3.8
MAZ40360L
3.41
3.5
3.59
110
 81 100 1 1000 −3.5 −2.4 0 300 450 Orange Blue Blue
MAZ40360M
3.51
3.6
3.69
MAZ40360H
3.61
3.7
3.79
MAZ4039
3.7
3.9
4.1
MAZ40390L
3.71
3.8
3.9
110
 79 100 1 1000 −3.5 −2.5 0 300 450 Orange White White
MAZ40390M
3.8
3.9
4.0
MAZ40390H
3.9
4.0
4.1
MAZ4043
4.0
4.3
4.6
MAZ40430L
4.03
4.1
4.26
110
 75 100 1 1000 −3.5 −2.5 0 275 450 Yellow Orange Orange
MAZ40430M
4.17
4.3
4.4
MAZ40430H
4.31
4.4
4.54
MAZ4047
4.4
4.7
5.0
MAZ40470L
4.45
4.6
4.69
13
 50 80
1
900
−3.5 −1.4 0.2 130 180 Yellow Purple Purple
MAZ40470M
4.59
4.7
4.83
MAZ40470H
4.74
4.9
4.99
MAZ4051
4.8
5.1
5.4
MAZ40510L
4.87
5.0
5.12
22
 40 60
1
800
−2.7 0.8 1.2 110 160 Green Brown Brown
MAZ40510M
5.0
5.1
5.26
MAZ40510H
5.14
5.3
5.4
MAZ4056
5.3
5.6
6.0
MAZ40560L
5.3
5.4
5.58
21
 15 40
1
500
−2 1.2 2.5 95 140 Green Blue Blue
MAZ40560M
5.48
5.6
5.76
MAZ40560H
5.66
5.8
5.95
MAZ4062
5.8
6.2
6.6
5.3
MAZ40620L
5.85
6.0
6.15
43
5.3
60
6
20
0.5 300 0.4 2.3 3.7
90 130
Blue
Red
Red
MAZ40620M
6.05
6.2
6.36
5.5
MAZ40620H
6.24
6.4
6.56
5.7
MAZ4068
6.4
6.8
7.2
5.9
MAZ40680L
6.44
6.6
6.77
42
5.9
60
6
15
0.5 140 1.2
3
4.5
85 110
Blue
Gray
Gray
MAZ40680M
6.64
6.8
6.98
6.1
MAZ40680H
6.85
7.0
7.2
6.3
s Electrical characteristics within part numbers T
a = 25°C
• V
Z = 2.0 V to 6.8 V (IZ = 5 mA)
Part number
Zener voltage
Reverse current
VZ (V)
IR1 (µA) IR2 (µA)
RZ (Ω)RZK (Ω)SZ (mV/°C)
IZ = 5 mA
VR
VR
IZ = 5 mA IZ
IZ = 5 mA
Min
Nom Max (V) Max (V) Max Typ Max (mA) Max Min Typ Max
1st.
2nd.
3rd.
Ct (pF)
(VR = 0 V)
f
= 1 MHz
Typ Max
Temperature
coefficient of
zener voltage
Terminal
capaci-
tance
Marking symbol
Color indication
Main body:
Yellowish green



Zener operating
resistance



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com