Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PMWD18UN Datasheet(PDF) 8 Page - NXP Semiconductors

Part # PMWD18UN
Description  Dual N-channel mTrenchMOS ultra low level FET
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PMWD18UN Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button PMWD18UN Datasheet HTML 4Page - NXP Semiconductors PMWD18UN Datasheet HTML 5Page - NXP Semiconductors PMWD18UN Datasheet HTML 6Page - NXP Semiconductors PMWD18UN Datasheet HTML 7Page - NXP Semiconductors PMWD18UN Datasheet HTML 8Page - NXP Semiconductors PMWD18UN Datasheet HTML 9Page - NXP Semiconductors PMWD18UN Datasheet HTML 10Page - NXP Semiconductors PMWD18UN Datasheet HTML 11Page - NXP Semiconductors PMWD18UN Datasheet HTML 12Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Philips Semiconductors
PMWD18UN
Dual N-channel
µTrenchMOS™ ultra low level FET
Product data
Rev. 02 — 23 February 2004
8 of 12
9397 750 12706
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
ID = 4 A; VDD =16V
Fig 13. Gate-source voltage as a function of gate charge; typical values.
003aaa265
0
1
2
3
4
5
0
102030
QG (nC)
VGS
(V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com