Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PMWD18UN Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PMWD18UN
Description  Dual N-channel mTrenchMOS ultra low level FET
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PMWD18UN Datasheet(HTML) 3 Page - NXP Semiconductors

  PMWD18UN Datasheet HTML 1Page - NXP Semiconductors PMWD18UN Datasheet HTML 2Page - NXP Semiconductors PMWD18UN Datasheet HTML 3Page - NXP Semiconductors PMWD18UN Datasheet HTML 4Page - NXP Semiconductors PMWD18UN Datasheet HTML 5Page - NXP Semiconductors PMWD18UN Datasheet HTML 6Page - NXP Semiconductors PMWD18UN Datasheet HTML 7Page - NXP Semiconductors PMWD18UN Datasheet HTML 8Page - NXP Semiconductors PMWD18UN Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Philips Semiconductors
PMWD18UN
Dual N-channel
µTrenchMOS™ ultra low level FET
Product data
Rev. 02 — 23 February 2004
3 of 12
9397 750 12706
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
VGS ≥ 4.5 V
Fig 1.
Normalized total power dissipation as a
function of solder point temperature.
Fig 2.
Normalized continuous drain current as a
function of solder point temperature.
Tsp =25 °C; IDM is single pulse
Fig 3.
Safe operating area; continuous and peak drain currents as a function of drain-source voltage.
03aa17
0
40
80
120
0
50
100
150
200
(%)
Tsp (°C)
Pder
03aa25
0
40
80
120
0
50
100
150
200
Tsp (°C)
Ider
(%)
P
der
P
tot
P
tot 25 C
°
()
-----------------------
100%
×
=
I
der
I
D
I
D25 C
°
()
-------------------
100%
×
=
003aaa258
10-2
10-1
1
10
102
10-1
1
10
102
VDS (V)
ID
(A)
DC
100 ms
10 ms
Limit RDSon = VDS / ID
1 ms
1 s
100
µs
tp = 10 µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com