Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PVG613 Datasheet(PDF) 3 Page - International Rectifier

Part # PVG613
Description  HEXFET Power MOSFET Photovoltaic Relay Single Pole, Normally Open, 0-60V, 1.0A AC/ 2.0 A DC
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

PVG613 Datasheet(HTML) 3 Page - International Rectifier

  PVG613 Datasheet HTML 1Page - International Rectifier PVG613 Datasheet HTML 2Page - International Rectifier PVG613 Datasheet HTML 3Page - International Rectifier PVG613 Datasheet HTML 4Page - International Rectifier PVG613 Datasheet HTML 5Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Series PVG613
www.irf.com
3
Ambient Temperature (deg. C)
20
40
60
80
100
0
0.25
0.50
0
1.00
1.25
0.75
ILED 10 mA
5 mA
=
'A' Connection
Figure 1. Current Derating Curves*
Figure 2. Typical Output Capacitance
Vdd, Drain to Drain Voltage (V)
0
15
30
45
60
450
300
150
0
600
'A' Connection
@25C, pulsed
10 mA Control
-0.1
-0.2
-0.3
-0.4
-0.5
0.50
1.25
1.00
0.25
0.75
-0.25
-1.25
-1.00
-0.75
-0.50
0.5
0.4
0.3
0.2
0.1
Connection 'A' Voltage Drop (Vdd)
Ambient Temperature (deg. C)
2.5
2.0
1.5
1.0
0.5
0
-50
-25
0
25
50
75
100
125
10 mA Control
= 500 mA
D
I
'A' Connection
Figure 3. Linearity Characteristics
Figure 4. Typical Normalized On-Resistance
* Derating of ‘B’ and ‘C’ connection at +85°C will be 70% of that specified at +40°C and is linear from +40°C to +85°C.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com