Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PVG613 Datasheet(PDF) 1 Page - International Rectifier

Part # PVG613
Description  HEXFET Power MOSFET Photovoltaic Relay Single Pole, Normally Open, 0-60V, 1.0A AC/ 2.0 A DC
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

PVG613 Datasheet(HTML) 1 Page - International Rectifier

  PVG613 Datasheet HTML 1Page - International Rectifier PVG613 Datasheet HTML 2Page - International Rectifier PVG613 Datasheet HTML 3Page - International Rectifier PVG613 Datasheet HTML 4Page - International Rectifier PVG613 Datasheet HTML 5Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Data Sheet No. PD 10058-C
Series PVG613
Microelectronic Power IC
HEXFET® Power MOSFET Photovoltaic Relay
Single Pole, Normally Open, 0-60V, 1.0A AC/ 2.0 A DC
General Description
The PVG613 Series Photovoltaic Relay is a single-
pole, normally open solid-state relay that can replace
electromechanical relays in many applications. It util-
izes International Rectifier’s proprietary HEXFET
power MOSFET as the output switch, driven by an
integrated circuit photovoltaic generator of novel
construction. The output switch is controlled by ra-
diation from a GaAlAs light emitting diode (LED)
which is optically isolated from the photovoltaic
generator.
These units exceed the performance capabilities of
electromechanical relays in operating life, sensitiv-
ity, stable on-resistance, low off-state leakage, minia-
turization, insensitivity to magnetic fields and
ruggedess. The compact PVG613 is particularly suited
for isolated switching of high currents from 12 to 48
Volt AC or DC power sources.
Series PVG613 Relays are packaged in a 6-pin, molded
DIP package with either thru-hole or surface mount
(gull-wing) terminals. It is available in standard plas-
tic shipping tubes or on tape-and-reel. Please refer to
Part Identification information opposite.
Features
! Bounce-free operation
! High load current capacity
! Extremely low off-state leakage
! Linear AC/DC operation
! 4,000 V
RMS I/O Isolation
! Solid-State reliability
! UL recognized
! ESD Tolerance:
4000V Human Body Model
500V Machine Model
Applications
! Industrial Control
! Computers and Peripheral Devices
! Audio Equipment
! Power Supplies and Power Distribution
! Factory Automation
Part Identification
PVG613
thru-hole
PVG613S
surface-mount
PVG613S-T
surface-mount, tape and reel
(HEXFET is the registered trademark for International Rectifier Power MOSFETs)


Similar Part No. - PVG613

ManufacturerPart #DatasheetDescription
logo
International Rectifier
PVG613PBF IRF-PVG613PBF Datasheet
1Mb / 5P
HEXFET Power MOSFET Photovoltaic Relay Single Pole, Normally Open, 0-60V, 1.0A AC/ 2.0 A DC
PVG613PBF IRF-PVG613PBF Datasheet
215Kb / 6P
Bounce-free operation
PVG613PBF IRF-PVG613PBF_15 Datasheet
215Kb / 6P
Bounce-free operation
More results

Similar Description - PVG613

ManufacturerPart #DatasheetDescription
logo
International Rectifier
PVAZ172N IRF-PVAZ172N Datasheet
168Kb / 4P
POWER MOSFET PHOTOVOLTAIC RELAY Microelectronic Power IC Relay Single Pole, Normally Open 0-60V AC, 1.0A
PVG612 IRF-PVG612 Datasheet
274Kb / 4P
Power MOSFET Photovoltaic Relay Microelectronic Power IC Relay Single Pole, Normally Open, 0-60V, 1.0A AC/ 2.0 A DC
PVA13N IRF-PVA13N Datasheet
87Kb / 6P
POWER MOSFET PHOTOVOLTAIC RELAY SINGLE POLE NORMALLY-OPEN 0-100V AC/DC 375MA
PVA33N IRF-PVA33N Datasheet
78Kb / 6P
Microelectronic Power IC HEXFET Power MOSFET Photovoltaic Relay Single-Pole, Normally-Open 0-300V AC/DC, 150mA
PVA30N IRF-PVA30N Datasheet
68Kb / 6P
Microelectronic Power IC HEXFET Power MOSFET Photovoltaic Relay Single-Pole, Normally-Open 0-300V AC/DC, 50mA
PVDZ172N IRF-PVDZ172N_06 Datasheet
105Kb / 5P
Microelectronic Power IC HEXFET Power MOSFET Photovoltaic Relay Single Pole, Normally Open 0-60V DC, 1.5A
PVG612A IRF-PVG612A Datasheet
112Kb / 5P
Microelectronic Power IC HEXFET Power MOSFET Photovoltaic Relay Single Pole, Normally Open, 0-60V, 2.0A AC/ 4.0 A DC
PVG613PBF IRF-PVG613PBF Datasheet
1Mb / 5P
HEXFET Power MOSFET Photovoltaic Relay Single Pole, Normally Open, 0-60V, 1.0A AC/ 2.0 A DC
PVT312PBF IRF-PVT312PBF Datasheet
1Mb / 5P
HEXFET Power MOSFET Photovoltaic Relay, Single Pole, Normally Open, 0-250V, 190mA AC/DC
PVG612PBF IRF-PVG612PBF Datasheet
1Mb / 5P
HEXFET짰 Power MOSFET Photovoltaic Relay Single Pole, Normally Open, 0-60V, 1.0A AC/ 2.0 A DC
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com