Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCANSTA111 Datasheet(PDF) 19 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # SCANSTA111
Description  Enhanced SCAN bridge Multidrop Addressable IEEE 1149.1 (JTAG) Port
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SCANSTA111 Datasheet(HTML) 19 Page - National Semiconductor (TI)

Back Button SCANSTA111 Datasheet HTML 15Page - National Semiconductor (TI) SCANSTA111 Datasheet HTML 16Page - National Semiconductor (TI) SCANSTA111 Datasheet HTML 17Page - National Semiconductor (TI) SCANSTA111 Datasheet HTML 18Page - National Semiconductor (TI) SCANSTA111 Datasheet HTML 19Page - National Semiconductor (TI) SCANSTA111 Datasheet HTML 20Page - National Semiconductor (TI) SCANSTA111 Datasheet HTML 21Page - National Semiconductor (TI) SCANSTA111 Datasheet HTML 22Page - National Semiconductor (TI) SCANSTA111 Datasheet HTML 23Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 29 page
background image
Special Features
TRANSPARENT MODE
While this mode is activated, the selected LSP n ports will
follow the backplane ports. TRST
n is a buffered version of
TRST
B, TCKn is a buffered version of TCKB, TMSn is a
buffered version of TMS
B, TDOn is a buffered version of TDIB
and TDO
B is a buffered version of TDIn. TRISTB and TRISTn
are asserted when the state machine is in either the Shift-DR
or Shift-IR states. The unselected LSPs are placed in the
PARKTLR state, and their clocks are gated after 512 TCK
B
clock cycles.
Transparent Mode is controlled by 8 new instructions,
TRANSPARENT0 through TRANSPARENT7. Transparent
Mode overrides any other active mode. When one of the
transparent mode instruction is shifted into the instruction
register and the tap controller goes through the UPDATE-IR
state, TRST
n will go high, and TMSn will go low. This will
force the targets connected to the LSP
n ports to go into the
RTI state. Then as the STA111 state machine goes into the
RTI state, all of the LSP
n signals will follow the back-plane
signals. This is identical to the method that is typically used
to unpark an LSP. The STA111 will remain in this mode until
a TRST
B is asserted or a power cycle forces a reset. Once in
the Transparent Mode, the STA111 will not be able to be
reset by a 5 TMS high reset.
The sequence of operations to use Transparent Mode on an
LSP are as follows (example uses LSP
0 ):
1.
IR-Scan the STA111 address into the instruction register
(address a STA111).
2.
IR-Scan the TRANSPARENT0 instruction to enable
Transparent Mode on LSP
0. Transparent Mode is en-
abled when the TAP enters the RTI state at the end of
this shift operation (TRST
0, TDO0, TMS0 and TCK0 be-
come buffered versions of TRST
B, TDIB, TMSB and
TCK
B and TDOB becomes a buffered version of TDI0).
NOTE: Transparent Mode will persist until the STA111 is
reset using TRST
B . The GOTOWAIT and SOFTRESET
instructions will not work in this mode.
BIST SUPPORT
The sequence of instructions to run BIST testing on a parked
SCANSTA111 port is as follows:
1.
Pre-load the Boundary register of the device under test if
needed.
2.
Issue the CNTRSEL instruction and initialize (load) the
TCK counter to 00000000 Hex. Note that the TCK
counter is initialized to 00000000 Hex upon Test-Logic-
Reset, so this step may not be necessary.
3.
Issue the CNTRON instruction to the ’STA111, to enable
the TCK counter.
4.
Shift the PARKRTI instruction into the ’STA111 instruc-
tion register and BIST instruction into the instruction
register of the device under test. With the counter on (at
terminal count) and the LSP parked, the local TCK is
gated.
5.
Issue the CNTRSEL instruction to the ’STA111.
6.
Load the TCK counter (Shift the 32-bit value represent-
ing the number of TCK
n cycles needed to execute the
BIST operation into the TCK counter register). The Self
test will begin on the rising edge of TCK
B following the
Update-DR TAP controller state.
7.
Bit 7 of Mode Register
0 can be scanned to check the
status of the TCK counter, (MODESEL instruction fol-
lowed by a Shift-DR). Bit 7 logic 0 means the counter
has not reached terminal count, logic 1 means that the
counter has reached terminal count and the BIST opera-
tion has completed.
8.
Execute the CNTROFF instruction.
9.
Unpark the LSP and scan out the result of the BIST
operation
RESET
Reset operations can be performed at three levels. The
highest level resets all ’STA111 registers and all of the local
scan chains of selected and unselected ’STA111s. This Level
1 reset is performed whenever the ’STA111 TAP Controller
enters the Test-Logic-Reset state. Test-Logic-Reset can be
entered synchronously by forcing TMS
B high for at least five
(5) TCK
B pulses, or asynchronously by asserting the TRSTB
pin. A Level 1 reset forces all ’STA111s into the Wait-For-
Address state, parks all local scan chains in the Test-Logic-
Reset state, and initializes all ’STA111 registers.
The SOFTRESET instruction is provided to perform a Level
2 reset of all LSP’s of selected ’STA111s. SOFTRESET
forces all TMS
n signals high, placing the corresponding local
TAP Controllers in the Test-Logic-Reset state within five (5)
TCK
B cycles.
The third level of reset is the resetting of individual local
ports. An individual LSP can be reset by parking the port in
the Test-Logic-Reset state via the PARKTLR instruction. To
reset an individual LSP that is parked in one of the other
parked states, the LSP must first be unparked via the UN-
PARK instruction.
PORT SYNCHRONIZATION
When a LSP is not being accessed, it is placed in one of the
four TAP Controller states: Test-Logic-Reset, Run-Test/Idle,
Pause-DR,or Pause-IR. The ’STA111 is able to park a local
chain by controlling the local Test Mode Select outputs
(TMS
(0-2)) (see Figure 4). TMSn is forced high for parking in
the Test-Logic-Reset state, and forced low for parking in
Run-Test/Idle, Pause-IR,or Pause-DR states. Local chain
access is achieved by issuing the UNPARK instruction. The
LSPs do not become unparked until the ’STA111 TAP Con-
troller is sequenced through a specified synchronization
state. Synchronization occurs in the Run-Test/Idle state for
LSPs parked in Test-Logic-Reset or Run-Test/Idle; and in the
Pause-DR or Pause-IR state for ports parked in Pause-DR
or Pause-IR, respectively.
Figure 11 and Figure 12 show the waveforms for synchroni-
zation of a local chain that was parked in the Test-Logic-
Reset state. Once the UNPARK instruction is received in the
instruction register, the LSPC forces TMS
n low on the falling
edge of TCK
B .
www.national.com
19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com