Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCANSTA111 Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # SCANSTA111
Description  Enhanced SCAN bridge Multidrop Addressable IEEE 1149.1 (JTAG) Port
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SCANSTA111 Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button SCANSTA111 Datasheet HTML 9Page - National Semiconductor (TI) SCANSTA111 Datasheet HTML 10Page - National Semiconductor (TI) SCANSTA111 Datasheet HTML 11Page - National Semiconductor (TI) SCANSTA111 Datasheet HTML 12Page - National Semiconductor (TI) SCANSTA111 Datasheet HTML 13Page - National Semiconductor (TI) SCANSTA111 Datasheet HTML 14Page - National Semiconductor (TI) SCANSTA111 Datasheet HTML 15Page - National Semiconductor (TI) SCANSTA111 Datasheet HTML 16Page - National Semiconductor (TI) SCANSTA111 Datasheet HTML 17Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
Level 2 Protocol (Continued)
TABLE 5. Level 2 Protocol and Op-Codes
Instructions
Hex Op-Code
Binary Op-Code
Data Register
BYPASS
FF
1111 1111
Bypass Register
EXTEST
00
0000 0000
Boundary-Scan Register
SAMPLE/PRELOAD
81
1000 0001
Boundary-Scan Register
IDCODE
AA
1010 1010
Device Identification Register
UNPARK
E7
1110 0111
Device Identification Register
PARKTLR
C5
1100 0101
Device Identification Register
PARKRTI
84
1000 0100
Device Identification Register
PARKPAUSE
C6
1100 0110
Device Identification Register
GOTOWAIT (Note 8)
C3
1100 0011
Device Identification Register
MODESEL
8E
1000 1110
Mode Register
0
MODESEL
1
82
1000 0010
Mode Register
1
MODESEL
2
83
1000 0011
Mode Register
2
MODESEL
3
85
1000 0101
Mode Register
3
MCGRSEL
03
0000 0011
Multi-Cast Group Register
SOFTRESET
88
1000 1000
Device Identification Register
LFSRSEL
C9
1100 1001
Linear Feedback Shift Register
LFSRON
0C
0000 1100
Device Identification Register
LFSROFF
8D
1000 1101
Device Identification Register
CNTRSEL
CE
1100 1110
32-Bit TCK Counter Register
CNTRON
0F
0000 1111
Device Identification Register
CNTROFF
90
1001 0000
Device Identification Register
DEFAULT_BYPASS (Note 9)
07
0000 0111
Set Bypass_reg as default data register
TRANSPARENT0
A0
1010 0000
Transparent Enable Register
0
TRANSPARENT1
A1
1010 0001
Transparent Enable Register
1
TRANSPARENT2
A2
1010 0010
Transparent Enable Register
2
TRANSPARENT3
A3
1010 0011
Transparent Enable Register
3
TRANSPARENT4
A4
1010 0100
Transparent Enable Register
4
TRANSPARENT5
A5
1010 0101
Transparent Enable Register
5
TRANSPARENT6
A6
1010 0110
Transparent Enable Register
6
TRANSPARENT7
A7
1010 0111
Transparent Enable Register
7
DGPIO
0
B0
1011 0000
Dedicated GPIO Register
0
DGPIO
1
B1
1011 0001
Dedicated GPIO Register
1
DGPIO
2
B2
1011 0010
Dedicated GPIO Register
2
DGPIO
3
B3
1011 0011
Dedicated GPIO Register
3
www.national.com
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com