Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SWM-04GF-SS-SC-D Datasheet(PDF) 1 Page - ORing Industrial Networking Corp

Part # SWM-04GF-SS-SC-D
Description  modular managed Gigabit Ethernet switch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ORING [ORing Industrial Networking Corp]
Direct Link  http://www.oringnet.com/
Logo ORING - ORing Industrial Networking Corp

SWM-04GF-SS-SC-D Datasheet(HTML) 1 Page - ORing Industrial Networking Corp

  SWM-04GF-SS-SC-D Datasheet HTML 1Page - ORing Industrial Networking Corp SWM-04GF-SS-SC-D Datasheet HTML 2Page - ORing Industrial Networking Corp SWM-04GF-SS-SC-D Datasheet HTML 3Page - ORing Industrial Networking Corp SWM-04GF-SS-SC-D Datasheet HTML 4Page - ORing Industrial Networking Corp SWM-04GF-SS-SC-D Datasheet HTML 5Page - ORing Industrial Networking Corp SWM-04GF-SS-SC-D Datasheet HTML 6Page - ORing Industrial Networking Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
www.oring-networking.com
1-118
Industrial Ethernet Switch DIN-Rail Managed Gigabit Ethernet Switch
v1.0a Jun, 2016
EN50155 modular managed Gigabit Ethernet switch with
12x10/100/1000Base-T(X) and 100/1000Base-X, SFP
socket, 3 module extender slots
IGS-9122GPM
▪
Modular designed and Hot-swappable make network planning easier
▪
Support O-Ring (recovery time < 30ms over 250 units of Gigabit Ethernet and
<10ms over 250 units of fast Ethernet) and MSTP (RSTP/STP compatible) for Ethernet
Redundancy
▪
O-Chain allow multiple redundant network rings
▪
Support standard IEC 62439-2 MRP*NOTE (Media Redundancy Protocol) function
▪
Support IEEE 1588v2 clock Synchronization
▪
Support IPv6 new internet protocol version
▪
Support Modbus TCP protocol
▪
Provided HTTPS/SSH protocol to enhance network security
▪
Support IEEE 802.3az Energy-Efficient Ethernet technology
▪
Support NTP server protocol
▪
Support IP-based bandwidth management
▪
Support application-based QoS management
▪
Support Device Binding security function
▪
Support DOS/DDOS auto prevention
▪
IGMP v1/v2/v3 (IGMP snooping support) and GMRP for filtering multicast traffic
▪
Support SNMP v1/v2c/v3 & RMON & 802.1Q VLAN Network Management
▪
Support port mirror function to monitor port data
▪
Support ACL and 802.1x User Authentication for security
▪
Support 9.6K Bytes Jumbo Frame
▪
Support DBU-01 backup unit device to quickly backup/restore configuration
▪
Event notification through Syslog, Email, SNMP trap, and Relay Output
▪
Web-based ,Telnet, Console (CLI), and Windows utility (Open-Vision) configuration
▪
Support LLDP Protocol
▪
Support dual power inputs for power redundancy
▪
Din-Rail enabled and fan-less design
IGS-9122GPM is Din-Rail modular managed redundant ring Ethernet switch with 12x10/100/1000Base-T(X) and 2x100/1000Base-X SFP ports. Also, it
supports 3 slots for install switch module to expander Ethernet ports. It is hot-swappable so there is no need to power off switch while replace the module.
With completely support of Ethernet Redundancy protocol, O-Ring (recovery time < 30ms over 250 units of connection), O-Chain, MRP*NOTE, Fast Recovery
and MSTP (RSTP/STP compatible) can protect your mission-critical applications from network interruptions or temporary malfunctions with its fast recovery
technology. And support wide operating temperature from -40
oC to 75oC. IGS-9122GPM can also be managed centralized and convenient by Open-Vision,
Except the Web-based interface, Telnet and console (CLI) configuration. Therefore, the switch is one of the most reliable choice for highly-managed and Fiber
Ethernet rolling stock application.
▪
O-Ring : O-Ring is ORing’s proprietary redundant ring technology, with recovery time of less 20 milliseconds and up to 250 nodes. The O-Ring
Features
Introduction
IGS-9122GPM
*NOTE: This function is available by request only


Similar Part No. - SWM-04GF-SS-SC-D

ManufacturerPart #DatasheetDescription
logo
Eravant
SWM-11417420-06-SB ERAVANT-SWM-11417420-06-SB Datasheet
398Kb / 3P
WR-06 Magic Tee, 110 to 170 GHz
Rev 1.2
SWM-14422420-05-SB ERAVANT-SWM-14422420-05-SB Datasheet
257Kb / 2P
G-Band Magic Tee, 140 to 220 GHz
logo
Mini-Circuits
SWM-2-50DR MINI-SWM-2-50DR Datasheet
163Kb / 1P
High Isolation Switches SPDT, DC to 4.5 GHz
logo
Eravant
SWM-22433420-03-SB ERAVANT-SWM-22433420-03-SB Datasheet
499Kb / 3P
WR-03 Magic Tee, 220 to 330 GHz
Rev 1.0
SWM-90314420-08-SB ERAVANT-SWM-90314420-08-SB Datasheet
507Kb / 3P
F-Band Magic Tee, 90 to 140 GHz
Rev 1.0
More results

Similar Description - SWM-04GF-SS-SC-D

ManufacturerPart #DatasheetDescription
logo
Red Lion Controls. Inc
SLX-18MG-1 REDLION-SLX-18MG-1 Datasheet
421Kb / 3P
Managed Gigabit Ethernet Switch
SLX-10MG-1 REDLION-SLX-10MG-1 Datasheet
394Kb / 3P
Managed Gigabit Ethernet Switch
SLX-8MG REDLION-SLX-8MG Datasheet
438Kb / 3P
Managed Gigabit Ethernet Switch
logo
Moxa Inc.
ICS-G7750A MOXA-ICS-G7750A Datasheet
758Kb / 6P
Gigabit modular managed Ethernet switches
ICS-G7852A MOXA-ICS-G7852A Datasheet
770Kb / 7P
Gigabit modular managed Ethernet switches
PT-7710 MOXA-PT-7710 Datasheet
679Kb / 6P
Gigabit modular managed rackmount Ethernet switches
PT-7728 MOXA-PT-7728 Datasheet
718Kb / 8P
Gigabit modular managed rackmount Ethernet switches
PT-7828 MOXA-PT-7828 Datasheet
653Kb / 7P
Gigabit modular managed rackmount Ethernet switches
PT-G7728 MOXA-PT-G7728 Datasheet
2Mb / 7P
Gigabit modular managed Ethernet switches
PT-G7828 MOXA-PT-G7828 Datasheet
2Mb / 7P
gigabit modular managed Ethernet switches
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com