Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SWM-04GF-SS-SC-D Datasheet(PDF) 6 Page - ORing Industrial Networking Corp

Part # SWM-04GF-SS-SC-D
Description  modular managed Gigabit Ethernet switch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ORING [ORing Industrial Networking Corp]
Direct Link  http://www.oringnet.com/
Logo ORING - ORing Industrial Networking Corp

SWM-04GF-SS-SC-D Datasheet(HTML) 6 Page - ORing Industrial Networking Corp

  SWM-04GF-SS-SC-D Datasheet HTML 1Page - ORing Industrial Networking Corp SWM-04GF-SS-SC-D Datasheet HTML 2Page - ORing Industrial Networking Corp SWM-04GF-SS-SC-D Datasheet HTML 3Page - ORing Industrial Networking Corp SWM-04GF-SS-SC-D Datasheet HTML 4Page - ORing Industrial Networking Corp SWM-04GF-SS-SC-D Datasheet HTML 5Page - ORing Industrial Networking Corp SWM-04GF-SS-SC-D Datasheet HTML 6Page - ORing Industrial Networking Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
1-123
1-123
Designed for Rugged Excellence
Industrial Ethernet Switch DIN-Rail Managed Gigabit Ethernet Switch
v1.0a Jun, 2016
Regulatory approvals
EMI
FCC Part 15, CISPR (EN55022) class A, EN50121-4, EN50155(pending)
EMS
EN61000-4-2 (ESD), EN61000-4-3 (RS), EN61000-4-4 (EFT), EN61000-4-5 (Surge), EN61000-4-6 (CS), EN61000-4-8,
EN61000-4-11
Shock
IEC60068-2-27
Free Fall
IEC60068-2-32
Vibration
IEC60068-2-6
Safety
EN 60950-1
Warranty
5 years
MTBF
540,456hrs
Available
Model
Model Name
Description
IGS-9122GPM
Industrial modular managed Gigabit Ethernet switch with 12x10/100/1000Base-T(X) and 2x100/1000Base-X, SFP socket,
3 module extender slots
Available
Model
Model Name
Description
SWM-04GC-D
Industrial 4-port Gigabit Ethernet switch module with 4x1G combo ports.
SWM-04GF-SS-SC-D
Industrial 4-port Gigabit Ethernet switch module with 4x1000Base-LX, single-mode, 10Km/1310nm, SC connector.
SWM-04GF-MM-SC-D
Industrial 4-port Gigabit Ethernet switch module with 4x1000Base-SX, multi-mode, 550m/850nm, SC connector.
SWM-04FX-SS-SC-D
Industrial 4-port Ethernet switch module with 4x100Base-FX, single-mode, 30Km/1310nm, SC connector.
SWM-04FX-MM-SC-D
Industrial 4-port Ethernet switch module with 4x100Base-FX, multi-mode, 2Km/1310nm, SC connector.
SWM-40GT-M12-D
Industrial 4-port Gigabit Ethernet switch module with 4x10/100/1000Base-T(X) ports, M12 connector.
BSM-02X-D (under dev.)
Industrial bypass switch module, 4x100/1G/10GBase-X, LC connector.
BSM-20GT-D (under dev.)
Industrial bypass switch module with 4x10/100/1000Base-T(X) ports.
BSM-20GT-M12-D (under dev.)
Industrial bypass switch module with 4x10/100/1000Base-T(X) ports, M12 connector.
Packing List
‧
IGS-9122GPM x 1
‧
ORing Tool DVD x 1
‧
Quick Installation Guide x 1
‧
Din-Rail Kit x 1
‧
Console Cable x 1
Optional Accessories
‧
Open-Vision M500 : Powerful Network Management Windows Utility Suit, 500 IP devices
‧
SFP100 series : 100Mbps SFP optical transceiver
‧
SFP 1G series : 1Gbps SFP optical transceiver
‧
DR-45 series : 45 Watts DIN-Rail power supply
‧
DR-75 series : 75 Watts DIN-Rail power supply
‧
DR-120 series : 120 Watts DIN-Rail power supply
IGS-9 AA B CC D
Ordering Information
Optional Slot Module
Code Definition
10/100/1000Base-T(X) Port
Number
Additional Port Number
Additional Port Type
Other Option
Option
- 12: 12 ports
- 2: 2 ports
-GP: Gigabit SFP ports
-M: Modular Design



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com