Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RGS-9168GCP_EU Datasheet(PDF) 1 Page - ORing Industrial Networking Corp

Part # RGS-9168GCP_EU
Description  Industrial 24-port rack mount managed Gigabit Ethernet switch
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ORING [ORing Industrial Networking Corp]
Direct Link  http://www.oringnet.com/
Logo ORING - ORing Industrial Networking Corp

RGS-9168GCP_EU Datasheet(HTML) 1 Page - ORing Industrial Networking Corp

  RGS-9168GCP_EU Datasheet HTML 1Page - ORing Industrial Networking Corp RGS-9168GCP_EU Datasheet HTML 2Page - ORing Industrial Networking Corp RGS-9168GCP_EU Datasheet HTML 3Page - ORing Industrial Networking Corp RGS-9168GCP_EU Datasheet HTML 4Page - ORing Industrial Networking Corp RGS-9168GCP_EU Datasheet HTML 5Page - ORing Industrial Networking Corp RGS-9168GCP_EU Datasheet HTML 6Page - ORing Industrial Networking Corp RGS-9168GCP_EU Datasheet HTML 7Page - ORing Industrial Networking Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Design for Rugged Excellence
* All specifications are subject to change without notice.
V1.0 Nov, 2016
Introduction
Features
Support O-Ring (recovery time < 30ms) and MSTP(RSTP/STP compatible) for Ethernet Redundancy
O-Chain allow multiple redundant network rings
Support standard IEC 62439-2 MRP (Media Redundancy Protocol) function
Support IPV6 new internet protocol version
Support Modbus TCP protocol
Support IEEE 802.3az Energy-Efficient Ethernet technology
Provided HTTPS/SSH protocol to enhance network security
Support SMTP client and NTP server
Support IP-based bandwidth management
Support application-based QoS management
Support Device Binding security function
Support DOS/DDOS auto prevention
IGMP v2/v3 (IGMP snooping support) for filtering multicast traffic
Support SNMP v1/v2c/v3 & RMON & 802.1Q VLAN Network Management
Support ACL and 802.1x User Authentication for security
Support 10K Bytes Jumbo Frame
SFP socket support DDM function
Multiple notification for warning of unexpected event
Web-based ,Telnet, Console (CLI), and Windows utility (Open-Vision) configuration
Support LLDP Protocol
19 inches rack mountable design
RGS-9168GCP series are Gigabit managed redundant ring Ethernet switch with 16xGigabit combo ports and
8x100/1000Base-X, SFP socket. These switches support Ethernet Redundancy protocol, O-Ring (recovery time < 30ms
over 250 units of connection) and MSTP (RSTP/STP compatible) can protect your mission-critical applications from network
interruptions or temporary malfunctions with its fast recovery technology. And RGS-9168GCP series support wide operating
temperature from -40 oC to 75 oC. RGS-9168GCP series can also be managed centralized and convenient by Open-Vision,
Except the Web-based interface, Telnet and console (CLI) configuration. Therefore, the switch is one of the most reliable
choice for highly-managed and Fiber Ethernet application.
O-Ring : O-Ring is ORing’s proprietary redundant ring technology, with recovery time of less 30 milliseconds and up to
250 nodes. The O-Ring redundant ring technology can protect mission-critical application from network
interruptions or temporary malfunction with its fast recover technology.
O-Chain : O-Chain is the revolutionary network redundancy technology that provides the add-on network redundancy
topology for any backbone network, O-Chain allows multiple redundant network rings of different redundancy
RGS-9168GCP Series
Industrial 24-port rack mount managed Gigabit Ethernet switch with
16xGigabit combo ports and 8x100/1000Base-X, SFP socket
Introduction


Similar Part No. - RGS-9168GCP_EU

ManufacturerPart #DatasheetDescription
logo
ORing Industrial Networ...
RGS-92222GCP-NP ORING-RGS-92222GCP-NP Datasheet
1Mb / 6P
Industrial 26-port managed Gigabit Ethernet switch
RGS-92222GCP-NP-E_EU ORING-RGS-92222GCP-NP-E_EU Datasheet
1Mb / 6P
Industrial 26-port managed Gigabit Ethernet switch
RGS-92222GCP-NP-E_JP ORING-RGS-92222GCP-NP-E_JP Datasheet
1Mb / 6P
Industrial 26-port managed Gigabit Ethernet switch
RGS-92222GCP-NP-E_UK ORING-RGS-92222GCP-NP-E_UK Datasheet
1Mb / 6P
Industrial 26-port managed Gigabit Ethernet switch
RGS-92222GCP-NP-E_US ORING-RGS-92222GCP-NP-E_US Datasheet
1Mb / 6P
Industrial 26-port managed Gigabit Ethernet switch
More results

Similar Description - RGS-9168GCP_EU

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
EX65000 AXIOMTEK-EX65000 Datasheet
1Mb / 2P
Managed Industrial 8-port Gigabit Ethernet Switch
logo
ORing Industrial Networ...
IGS-3032GC ORING-IGS-3032GC Datasheet
1Mb / 4P
Industrial 5-port managed Gigabit Ethernet switch
IGS-3044GC ORING-IGS-3044GC Datasheet
1Mb / 4P
Industrial 8-port managed Gigabit Ethernet switch
IGS-9080 ORING-IGS-9080 Datasheet
1Mb / 5P
Industrial 8-port managed Gigabit Ethernet switch
IGS-9084GP ORING-IGS-9084GP Datasheet
4Mb / 5P
Industrial 12-port managed Gigabit Ethernet switch
IGS-9164GF ORING-IGS-9164GF Datasheet
2Mb / 6P
Industrial 20-port managed Gigabit Ethernet switch
IGS-9168GP ORING-IGS-9168GP Datasheet
2Mb / 5P
Industrial 24-port managed Gigabit Ethernet switch
RES-9242GC ORING-RES-9242GC Datasheet
1Mb / 5P
Industrial 26-port rack mount managed Ethernet switch
RGPS-9084GP-P ORING-RGPS-9084GP-P Datasheet
1Mb / 5P
Industrial 12-port rack mount managed Gigabit PoE Ethernet switch
IES-3240 ORING-IES-3240 Datasheet
1Mb / 4P
Industrial 24-port managed Ethernet switch
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com