Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RGS-9168GCP_EU Datasheet(PDF) 5 Page - ORing Industrial Networking Corp

Part # RGS-9168GCP_EU
Description  Industrial 24-port rack mount managed Gigabit Ethernet switch
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ORING [ORing Industrial Networking Corp]
Direct Link  http://www.oringnet.com/
Logo ORING - ORing Industrial Networking Corp

RGS-9168GCP_EU Datasheet(HTML) 5 Page - ORing Industrial Networking Corp

  RGS-9168GCP_EU Datasheet HTML 1Page - ORing Industrial Networking Corp RGS-9168GCP_EU Datasheet HTML 2Page - ORing Industrial Networking Corp RGS-9168GCP_EU Datasheet HTML 3Page - ORing Industrial Networking Corp RGS-9168GCP_EU Datasheet HTML 4Page - ORing Industrial Networking Corp RGS-9168GCP_EU Datasheet HTML 5Page - ORing Industrial Networking Corp RGS-9168GCP_EU Datasheet HTML 6Page - ORing Industrial Networking Corp RGS-9168GCP_EU Datasheet HTML 7Page - ORing Industrial Networking Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Design for Rugged Excellence
* All specifications are subject to change without notice.
V1.0 Nov, 2016
ORing Switch Model
RGS-9168GCP
RGS-9168GCP-E
Physical Ports
Gigabit Combo port with
10/100/1000Base-T(X) and
100/1000Base-X SFP ports
16
100/1000Base-X with SFP port
8
Technology
Ethernet Standards
IEEE 802.3 for 10Base-T
IEEE 802.3u for 100Base-TX
IEEE 802.3ab for 1000Base-T
IEEE 802.z for 1000Base-X
IEEE 802.3x for Flow control
IEEE 802.3ad for LACP (Link Aggregation Control Protocol )
IEEE 802.1p for COS (Class of Service)
IEEE 802.1Q for VLAN Tagging
IEEE 802.1w for RSTP (Rapid Spanning Tree Protocol)
IEEE 802.1s for MSTP (Multiple Spanning Tree Protocol)
IEEE 802.1x for Authentication
IEEE 802.1AB for LLDP (Link Layer Discovery Protocol)
MAC Table
8k
Priority Queues
8
Processing
Store-and-Forward
Switch Properties
Switching latency: 7 us
Switching bandwidth: 128Gbps
Max. Number of Available VLANs: 4095
VLAN ID Range : VID 1 to 4094
IGMP multicast groups: 256 for each VLAN
Port rate limiting: User Define
Jumbo frame
Up to 10K Bytes
Security Features
Device Binding security feature
Enable/disable ports, MAC based port security
Port based network access control (802.1x)
Single 802.1x and Multiple 802.1x
MAC-based authentication
MAC address limit
VLAN (802.1Q ) to segregate and secure network traffic
Radius centralized password management
SNMPv3 encrypted authentication and access security
Https / SSH enhance network security
Web and CLI authentication and authorization
IP source guard
Software Features
IEEE 802.1D Bridge, auto MAC address learning/aging and MAC address (static)
Multiple Registration Protocol (MRP)
MSTP (RSTP/STP compatible)
Redundant Ring (O-Ring) with recovery time less than 30ms over 250 units
TOS/Diffserv supported
Quality of Service (802.1p) for real-time traffic
VLAN (802.1Q) with VLAN tagging
IGMP v2/v3 Snooping
IP-based bandwidth management
Application-based QoS management
DOS/DDOS auto prevention
Port configuration, status, statistics, monitoring, security
DHCP Server/Client
DHCP Relay
Modbus TCP
SMTP Client
NTP server
Network Redundancy
O-Ring
O-Chain
MRP
Specifications



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com