Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP461 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TMP461
Description  Radiation Hardened Remote and Local Digital Temperature Sensor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP461 Datasheet(HTML) 1 Page - Texas Instruments

  TMP461 Datasheet HTML 1Page - Texas Instruments TMP461 Datasheet HTML 2Page - Texas Instruments TMP461 Datasheet HTML 3Page - Texas Instruments TMP461 Datasheet HTML 4Page - Texas Instruments TMP461 Datasheet HTML 5Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SCL
V+
D+
D–
GND
A0
SMBus
Controller
Host Processor
A1
Overtemperature
Shutdown
SDA
GND
GND
1.7 V to 3.6 V
1.7 V to 3.6 V
GND
Built-in
Thermal
Transistor
or Diode
FPGA, ADC,
DAC, or ASIC
THERM
ALERT/
THERM2
TMP461-SP
1
2
3
4
5
6
7
8
9
10
Copyright © 2017, Texas Instruments Incorporated
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. ADVANCE INFORMATION for pre-production products; subject to
change without notice.
TMP461-SP
SBOS902 – SEPTEMBER 2017
TMP461-SP Radiation Hardened Remote and Local Digital Temperature Sensor
1
1 Features
1
•
Remote Diode Temperature Sensor Accuracy:
±1.5°C
•
Local Temperature Sensor Accuracy: ±2°C
•
Resolution for Local and Remote Channels:
0.0625°C
•
Supply and Logic Voltage Range: 1.7 V to 3.6 V
•
35-µA Operating Current (1 SPS),
3-µA Shutdown Current
•
Series Resistance Cancellation
•
η-Factor and Offset Correction
•
Programmable Digital Filter
•
Diode Fault Detection
•
Two-Wire and SMBus™ Serial Interface
Compatible with Pin-Programmable Address
•
QMLV Qualified: 5962L1721801VXC
–
Thermally Enhanced HKU Package
–
Radiation Hardness Assured (RHA) up to Total
Ionizing Dose (TID) 50 kRad (Si)
–
Single Event Latchup (SEL) Immune to 76
MeV.cm2/mg at 125°C
–
10-Lead HKU Ceramic Package
2 Applications
•
Spacecraft FPGA, ADC's, DAC's, and ASIC
Temperature Monitoring
•
Spacecraft Housekeeping and Telemetry
Simplified Block Diagram
3 Description
The TMP461-SP device is a radiation-hardened,
high-accuracy, low-power remote temperature sensor
monitor with a built-in local temperature sensor. The
remote temperature sensors are typically low-cost
discrete NPN or PNP transistors, or substrate thermal
transistors or diodes that are integral parts of
microprocessors,
analog-to-digital
converters
(ADC's),
digital-to-analog
converters
(DAC's),
microcontrollers, or field-programmable gate arrays
(FPGAs). Temperature is represented as a 12-bit
digital code for both local and remote sensors, giving
a resolution of 0.0625°C. The two-wire serial interface
accepts the SMBus communication protocol with up
to nine different pin-programmable addresses.
Advanced
features
such
as
series
resistance
cancellation, programmable nonideality factor (η-
factor),
programmable
offset,
programmable
temperature limits, and a programmable digital filter,
are combined to provide a robust thermal monitoring
solution with improved accuracy and noise immunity.
The TMP461-SP is ideal for multi-location, high-
accuracy temperature measurements in a variety of
distributed telemetry applications. The integrated
local
and
remote
temperature
sensors
simplify
spacecraft housekeeping activities by providing an
easy way of measuring temperature gradients. The
device is specified for operation over a supply voltage
range of 1.7 V to 3.6 V, and a temperature range of
–55°C to 125°C.
Device Information(1)
PART NUMBER
GRADE
PACKAGE
5962L1721801VXC
QMLV RHA
[50 kRad]
10-lead CFP [HKU]
7.02 mm × 6.86 mm
TMP461HKU/EM(2)
Engineering
Samples
10-lead CFP [HKU]
7.02 mm × 6.86 mm
TMP461EVM-CVAL
Ceramic Evaluation
Board
(1) For all available packages, see the orderable addendum at
the end of the datasheet.
(2) These units are intended for engineering evaluation only.
They are processed to a noncompliant flow and are
functionally tested at 25°C only. These units are not suitable
for qualification, production, radiation testing or flight use.
Parts are not warranted for performance over the full MIL
specified temperature range of –55°C to 125°C or operating
life.


Similar Part No. - TMP461

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP461 TI1-TMP461 Datasheet
1Mb / 35P
High-Accuracy Remote and Local Temperature Sensor with Pin-Programmable Bus Address
TMP461 TI1-TMP461 Datasheet
528Kb / 34P
Radiation Hardened Remote and Local Digital Temperature Sensor
TMP461 TI1-TMP461 Datasheet
1Mb / 35P
TMP461 High-Accuracy Remote and Local Temperature Sensor with Pin-Programmable Bus Address
TMP461 TI2-TMP461 Datasheet
725Kb / 36P
TMP461-SP Radiation-Hardness-Assured (RHA), High-Accuracy Remote and Local Temperature Sensor
REVISED FEBRUARY 2020
TMP461 TI2-TMP461 Datasheet
843Kb / 38P
TMP461 High-Accuracy Remote and Local Temperature Sensor with Pin-Programmable Bus Address
REVISED AUGUST 2016
More results

Similar Description - TMP461

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM82 NSC-LM82 Datasheet
341Kb / 17P
Remote Diode and Local Digital Temperature Sensor with Two-Wire Interface
logo
Burr-Brown (TI)
TMP401 BURR-BROWN-TMP401 Datasheet
297Kb / 24P
1C Programmable, Remote/Local, Digital Out TEMPERATURE SENSOR
logo
National Semiconductor ...
LM82 NSC-LM82_04 Datasheet
358Kb / 17P
Remote Diode and Local Digital Temperature Sensor with Two-Wire Interface
logo
Maxim Integrated Produc...
MAX1668 MAXIM-MAX1668_00 Datasheet
224Kb / 16P
Multichannel Remote/Local Temperature Sensor
Rev 0; 8/00
logo
Texas Instruments
TMP421 TI1-TMP421_12 Datasheet
904Kb / 34P
짹1째C Remote and Local TEMPERATURE SENSOR
TMP401 TI1-TMP401_15 Datasheet
992Kb / 41P
TMP401 짹1째C Programmable, Remote and Local, Digital Out Temperature Sensor
TMP421 TI1-TMP421_15 Datasheet
1Mb / 35P
짹1째C Remote and Local TEMPERATURE SENSOR
TMP421-Q1 TI1-TMP421-Q1 Datasheet
1Mb / 38P
Remote and Local Temperature Sensor
TMP461-SP TI1-TMP461-SP_18 Datasheet
528Kb / 34P
Radiation Hardened Remote and Local Digital Temperature Sensor
logo
uPI Group Inc.
US5004 UPI-US5004 Datasheet
876Kb / 15P
Digital Remote and Local Temperature Sensor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com