Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP461 Datasheet (PDF) - Texas Instruments

TMP461 Datasheet PDF - Texas Instruments
Part # TMP461
Download  TMP461 Download
File Size   725.72 Kbytes
Page   36 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TMP461-SP Radiation-Hardness-Assured (RHA), High-Accuracy Remote and Local Temperature Sensor

TMP461 Datasheet (PDF)

Go To PDF Page Download Datasheet
TMP461 Datasheet PDF - Texas Instruments

Part # TMP461
Download  TMP461 Click to download

File Size   725.72 Kbytes
Page   36 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TMP461-SP Radiation-Hardness-Assured (RHA), High-Accuracy Remote and Local Temperature Sensor

TMP461 Datasheet (HTML) - Texas Instruments


TMP461 Product details

1 Features
1• QMLV Qualified: 5962R-1721801VXC
– Thermally Enhanced HKU Package
– Radiation-Hardness-Assured (RHA) up to Total
Ionizing Dose (TID) 100 krad(Si) at low dose
rate (LDR) of 10 mrad/s
– Single Event Latchup (SEL) Immune to 76
MeV·cm2/mg at 125°C
– 10-Lead HKU Ceramic Package
• Remote Diode Temperature Sensor Accuracy:
±1.5°C (Across Extended Temperature Range of
[–55°C to 125°C])
• Local Temperature Sensor Accuracy: ±2°C
(Across Extended Temperature Range of [–55°C
to 125°C])
• Enables Measurement Of Remote Diode
Temperatures in the Range of –64°C to 191°C
• Resolution for Local and Remote Channels:
0.0625°C
• Supply and Logic Voltage Range: 1.7 V to 3.6 V
• 35-μA Operating Current (1 SPS),
3-μA Shutdown Current
• Series Resistance Cancellation
• η-Factor and Offset Correction
• Programmable Digital Filter
• Diode Fault Detection
• Two-Wire and SMBus™ Serial Interface
Compatible with Pin-Programmable Address

2 Applications
• Spacecraft FPGA, ADC's, DAC's, and ASIC
Temperature Monitoring
• Spacecraft Housekeeping and Telemetry

3 Description
The TMP461-SP device is a radiation-hardened,
high-accuracy, low-power remote temperature sensor
monitor with a built-in local temperature sensor. The
remote temperature sensors are typically low-cost
discrete NPN or PNP transistors, or substrate thermal
transistors or diodes that are integral parts of
microprocessors, analog-to-digital converters (ADC),
digital-to-analog converters (DAC), microcontrollers,
or field-programmable gate arrays (FPGA).
Temperature is represented as a 12-bit digital code
for both local and remote sensors, giving a resolution
of 0.0625°C. The two-wire serial interface accepts the
SMBus communication protocol with up to nine
different pin-programmable addresses.
Advanced features such as series resistance
cancellation, programmable nonideality factor (η-
factor), programmable offset, programmable
temperature limits, and a programmable digital filter,
are combined to provide a robust thermal monitoring
solution with improved accuracy and noise immunity.
The TMP461-SP is ideal for multi-location, highaccuracy
temperature measurements in a variety of
distributed telemetry applications. The integrated
local and remote temperature sensors simplify
spacecraft housekeeping activities by providing an
easy way of measuring temperature gradients. The
device is specified for operation over a supply voltage
range of 1.7 V to 3.6 V, and a temperature range of
–55°C to 125°C.




Similar Part No. - TMP461

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP461 TI1-TMP461 Datasheet
1Mb / 35P
High-Accuracy Remote and Local Temperature Sensor with Pin-Programmable Bus Address
TMP461 TI1-TMP461 Datasheet
115Kb / 5P
Radiation Hardened Remote and Local Digital Temperature Sensor
TMP461 TI1-TMP461 Datasheet
528Kb / 34P
Radiation Hardened Remote and Local Digital Temperature Sensor
TMP461 TI1-TMP461 Datasheet
1Mb / 35P
TMP461 High-Accuracy Remote and Local Temperature Sensor with Pin-Programmable Bus Address
TMP461 TI2-TMP461 Datasheet
843Kb / 38P
TMP461 High-Accuracy Remote and Local Temperature Sensor with Pin-Programmable Bus Address
REVISED AUGUST 2016
More results


Similar Description - TMP461

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP461 TI-TMP461_15 Datasheet
430Kb / 33P
TMP461 High-Accuracy Remote and Local Temperature Sensor with Pin-Programmable Bus Address
TMP461 TI1-TMP461_V01 Datasheet
1Mb / 35P
TMP461 High-Accuracy Remote and Local Temperature Sensor with Pin-Programmable Bus Address
LMP7704-SP TI-LMP7704-SP Datasheet
1Mb / 31P
LMP7704-SP Radiation Hardness Assured (RHA), Precision, Low Input Bias, RRIO, Wide Supply Range Amplifiers
TPS7H5001-SP TI-TPS7H5001-SP Datasheet
3Mb / 58P
TPS7H5001-SP Radiation-Hardness-Assured Si and GaN Dual Output Controller
LMP7704-SP TI-LMP7704-SP_V01 Datasheet
1Mb / 29P
LMP7704-SP Radiation Hardness Assured (RHA), Precision, Low Input Bias, RRIO, Wide Supply Range Amplifiers
TPS7H2211-SP TI-TPS7H2211-SP Datasheet
1Mb / 41P
TPS7H2211-SP Radiation-Hardness-Assured (RHA) 14-V, 3.5-A eFuse
NOVEMBER 2021
DP83561-SP TI-DP83561-SP_V01 Datasheet
2Mb / 102P
DP83561-SP Radiation-Hardness-Assured (RHA), 10/100/1000 Ethernet PHY Transceiver with SEFI Handling Sub-System
NOVEMBER 2021
TMP9R00-SP TI-TMP9R00-SP Datasheet
1Mb / 38P
TMP9R00-SP 9-Channel (8-Remote and 1-Local), High-Accuracy Temperature Sensor
DECEMBER 2021
TPS7H2211-SP TI-TPS7H2211-SP_V01 Datasheet
1Mb / 42P
TPS7H2211-SP Radiation-Hardness-Assured (RHA) 14-V, 3.5-A eFuse
MAY 2022
TPS7H2211-SP TI1-TPS7H2211-SP_V02 Datasheet
2Mb / 49P
TPS7H2211-SP and TPS7H2211-SEP Radiation-Hardness-Assured (RHA) 14-V, 3.5-A eFuse
REVISED JULY 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com