Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP461 Datasheet(PDF) 1 Page - Texas Instruments

Part # TMP461
Description  TMP461-SP Radiation-Hardness-Assured (RHA), High-Accuracy Remote and Local Temperature Sensor
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP461 Datasheet(HTML) 1 Page - Texas Instruments

  TMP461 Datasheet HTML 1Page - Texas Instruments TMP461 Datasheet HTML 2Page - Texas Instruments TMP461 Datasheet HTML 3Page - Texas Instruments TMP461 Datasheet HTML 4Page - Texas Instruments TMP461 Datasheet HTML 5Page - Texas Instruments TMP461 Datasheet HTML 6Page - Texas Instruments TMP461 Datasheet HTML 7Page - Texas Instruments TMP461 Datasheet HTML 8Page - Texas Instruments TMP461 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
SCL
V+
D+
D±
GND
A0
SMBus
Controller
Host Processor
A1
Overtemperature
Shutdown
SDA
GND
GND
1.7 V to 3.6 V
1.7 V to 3.6 V
GND
Built-in
Thermal
Transistor
or Diode
FPGA, ADC,
DAC, or ASIC
THERM
ALERT/
THERM2
TMP461-SP
1
2
3
4
5
6
7
8
9
10
Copyright © 2017, Texas Instruments Incorporated
TL1431-SP
or
LM4050QML-SP
TL1431-SP
or
LM4050QML-SP
Vbatt
Vbatt
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
TMP461-SP
SBOS876B – SEPTEMBER 2017 – REVISED FEBRUARY 2020
TMP461-SP Radiation-Hardness-Assured (RHA), High-Accuracy Remote and Local
Temperature Sensor
1
1 Features
1
•
QMLV Qualified: 5962R-1721801VXC
–
Thermally Enhanced HKU Package
–
Radiation-Hardness-Assured (RHA) up to Total
Ionizing Dose (TID) 100 krad(Si) at low dose
rate (LDR) of 10 mrad/s
–
Single Event Latchup (SEL) Immune to 76
MeV·cm2/mg at 125°C
–
10-Lead HKU Ceramic Package
•
Remote Diode Temperature Sensor Accuracy:
±1.5°C (Across Extended Temperature Range of
[–55°C to 125°C])
•
Local Temperature Sensor Accuracy: ±2°C
(Across Extended Temperature Range of [–55°C
to 125°C])
•
Enables Measurement Of Remote Diode
Temperatures in the Range of –64°C to 191°C
•
Resolution for Local and Remote Channels:
0.0625°C
•
Supply and Logic Voltage Range: 1.7 V to 3.6 V
•
35-µA Operating Current (1 SPS),
3-µA Shutdown Current
•
Series Resistance Cancellation
•
η-Factor and Offset Correction
•
Programmable Digital Filter
•
Diode Fault Detection
•
Two-Wire and SMBus™ Serial Interface
Compatible with Pin-Programmable Address
•
2 Applications
•
Spacecraft FPGA, ADC's, DAC's, and ASIC
Temperature Monitoring
•
Spacecraft Housekeeping and Telemetry
Simplified Block Diagram
3 Description
The TMP461-SP device is a radiation-hardened,
high-accuracy, low-power remote temperature sensor
monitor with a built-in local temperature sensor. The
remote temperature sensors are typically low-cost
discrete NPN or PNP transistors, or substrate thermal
transistors or diodes that are integral parts of
microprocessors, analog-to-digital converters (ADC),
digital-to-analog converters (DAC), microcontrollers,
or
field-programmable
gate
arrays
(FPGA).
Temperature is represented as a 12-bit digital code
for both local and remote sensors, giving a resolution
of 0.0625°C. The two-wire serial interface accepts the
SMBus communication protocol with up to nine
different pin-programmable addresses.
Advanced
features
such
as
series
resistance
cancellation, programmable nonideality factor (η-
factor),
programmable
offset,
programmable
temperature limits, and a programmable digital filter,
are combined to provide a robust thermal monitoring
solution with improved accuracy and noise immunity.
The TMP461-SP is ideal for multi-location, high-
accuracy temperature measurements in a variety of
distributed telemetry applications. The integrated
local
and
remote
temperature
sensors
simplify
spacecraft housekeeping activities by providing an
easy way of measuring temperature gradients. The
device is specified for operation over a supply voltage
range of 1.7 V to 3.6 V, and a temperature range of
–55°C to 125°C.
Device Information(1)
PART NUMBER
GRADE
PACKAGE
5962-1721801VXC
QMLV
10-lead CFP [HKU]
7.02 mm × 6.86 mm
TMP461HKU/EM
Engineering
Samples(2)
10-lead CFP [HKU]
7.02 mm × 6.86 mm
TMP461EVM-CVAL
Ceramic Evaluation
Board
5962R1721801VXC
RHA - 100 krad(Si)
10-lead CFP [HKU]
7.02 mm × 6.86 mm
(1) For all available packages, see the orderable addendum at
the end of the datasheet.
(2) These units are intended for engineering evaluation only.
They are processed to a noncompliant flow. These units are
not suitable for qualification, production, radiation testing or
flight use. Parts are not warrantied for performance over the
full MIL specified temperature range of –55°C to 125°C or
operating life.


Similar Part No. - TMP461

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP461 TI1-TMP461 Datasheet
1Mb / 35P
High-Accuracy Remote and Local Temperature Sensor with Pin-Programmable Bus Address
TMP461 TI1-TMP461 Datasheet
115Kb / 5P
Radiation Hardened Remote and Local Digital Temperature Sensor
TMP461 TI1-TMP461 Datasheet
528Kb / 34P
Radiation Hardened Remote and Local Digital Temperature Sensor
TMP461 TI1-TMP461 Datasheet
1Mb / 35P
TMP461 High-Accuracy Remote and Local Temperature Sensor with Pin-Programmable Bus Address
TMP461 TI2-TMP461 Datasheet
843Kb / 38P
TMP461 High-Accuracy Remote and Local Temperature Sensor with Pin-Programmable Bus Address
REVISED AUGUST 2016
More results

Similar Description - TMP461

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP461 TI-TMP461_15 Datasheet
430Kb / 33P
TMP461 High-Accuracy Remote and Local Temperature Sensor with Pin-Programmable Bus Address
TMP461 TI1-TMP461_V01 Datasheet
1Mb / 35P
TMP461 High-Accuracy Remote and Local Temperature Sensor with Pin-Programmable Bus Address
LMP7704-SP TI-LMP7704-SP Datasheet
1Mb / 31P
LMP7704-SP Radiation Hardness Assured (RHA), Precision, Low Input Bias, RRIO, Wide Supply Range Amplifiers
TPS7H5001-SP TI-TPS7H5001-SP Datasheet
3Mb / 58P
TPS7H5001-SP Radiation-Hardness-Assured Si and GaN Dual Output Controller
LMP7704-SP TI-LMP7704-SP_V01 Datasheet
1Mb / 29P
LMP7704-SP Radiation Hardness Assured (RHA), Precision, Low Input Bias, RRIO, Wide Supply Range Amplifiers
TPS7H2211-SP TI-TPS7H2211-SP Datasheet
1Mb / 41P
TPS7H2211-SP Radiation-Hardness-Assured (RHA) 14-V, 3.5-A eFuse
NOVEMBER 2021
DP83561-SP TI-DP83561-SP_V01 Datasheet
2Mb / 102P
DP83561-SP Radiation-Hardness-Assured (RHA), 10/100/1000 Ethernet PHY Transceiver with SEFI Handling Sub-System
NOVEMBER 2021
TMP9R00-SP TI-TMP9R00-SP Datasheet
1Mb / 38P
TMP9R00-SP 9-Channel (8-Remote and 1-Local), High-Accuracy Temperature Sensor
DECEMBER 2021
TPS7H2211-SP TI-TPS7H2211-SP_V01 Datasheet
1Mb / 42P
TPS7H2211-SP Radiation-Hardness-Assured (RHA) 14-V, 3.5-A eFuse
MAY 2022
TPS7H2211-SP TI1-TPS7H2211-SP_V02 Datasheet
2Mb / 49P
TPS7H2211-SP and TPS7H2211-SEP Radiation-Hardness-Assured (RHA) 14-V, 3.5-A eFuse
REVISED JULY 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com