Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP461 Datasheet(PDF) 22 Page - Texas Instruments

Part # TMP461
Description  TMP461-SP Radiation-Hardness-Assured (RHA), High-Accuracy Remote and Local Temperature Sensor
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP461 Datasheet(HTML) 22 Page - Texas Instruments

Back Button TMP461 Datasheet HTML 18Page - Texas Instruments TMP461 Datasheet HTML 19Page - Texas Instruments TMP461 Datasheet HTML 20Page - Texas Instruments TMP461 Datasheet HTML 21Page - Texas Instruments TMP461 Datasheet HTML 22Page - Texas Instruments TMP461 Datasheet HTML 23Page - Texas Instruments TMP461 Datasheet HTML 24Page - Texas Instruments TMP461 Datasheet HTML 25Page - Texas Instruments TMP461 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 36 page
background image
22
TMP461-SP
SBOS876B – SEPTEMBER 2017 – REVISED FEBRUARY 2020
www.ti.com
Product Folder Links: TMP461-SP
Submit Documentation Feedback
Copyright © 2017–2020, Texas Instruments Incorporated
7.6.1.5 Conversion Rate Register
The conversion rate register (read address 04h, write address 0Ah) controls the rate at which temperature
conversions are performed. This register adjusts the idle time between conversions but not the conversion time
itself, thereby allowing the TMP461-SP power dissipation to be balanced with the temperature register update
rate. Table 8 lists the conversion rate options and corresponding time between conversions. The default value of
the register is 08h, which gives a default rate of 16 conversions per second.
Table 8. Conversion Rate
VALUE
CONVERSIONS PER SECOND
TIME (Seconds)
00h
0.0625
16
01h
0.125
8
02h
0.25
4
03h
0.5
2
04h
1
1
05h
2
0.5
06h
4
0.25
07h
8
0.125
08h
16 (default)
0.0625 (default)
09h
32
0.03125
7.6.1.6 One-Shot Start Register
When the TMP461-SP device is in shutdown mode (SD = 1 in the configuration register), a single conversion is
started by writing any value to the one-shot start register, pointer address 0Fh. This write operation starts one
conversion and comparison cycle on either both the local and remote sensors or on only one or the other sensor,
depending on the LEN and REN values configured in the channel enable register (read address 16h, write
address 16h). The TMP461-SP device returns to shutdown mode when the cycle completes. The value of the
data sent in the write command is irrelevant and is not stored by the TMP461-SP device.
7.6.1.7 Channel Enable Register
The channel enable register (read address 16h, write address 16h) enables or disables the temperature
conversion of remote and local temperature sensors. LEN (bit 0) of the channel enable register enables/disables
the conversion of local temperature. REN (bit 1) of the channel enable register enables/disables the conversion
of remote temperature. Both LEN and REN are set to 1 (default), this enables the ADC to convert both local and
remote temperatures. If LEN is set to 0, the local temperature conversion is disabled and similarly if REN is set
to 0, the remote temperature conversion is disabled.
Both local and remote temperatures are converted by the internal ADC as a default mode. Channel Enable
register can be configured to achieve power savings by reducing the total ADC conversion time to half for
applications that do not require both remote and local temperature information.
7.6.1.8 Consecutive ALERT Register
The Consecutive ALERT register (read address 22h, write address 22h) controls the number of out-of-limit
temperature measurements required for ALERT to be asserted. Table 9 summarizes the values of the
consecutive ALERT register. The number programmed in the consecutive ALERT applies to both the remote and
local temperature results. When the number of times that the temperature result consecutively exceeds the high
limit register value is equal to the value programmed in the consecutive ALERT register, ALERT is asserted.
Similarly, the consecutive ALERT register setting is also applicable to the low-limit register.
Table 9. Consecutive ALERT
REGISTER VALUE
NUMBER OF OUT-OF-LIMIT MEASUREMENTS REQUIRED TO ASSERT ALERT
01h
1 (default)
03h
2
07h
3
0Fh
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com