Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP461 Datasheet(PDF) 16 Page - Texas Instruments

Part # TMP461
Description  TMP461-SP Radiation-Hardness-Assured (RHA), High-Accuracy Remote and Local Temperature Sensor
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP461 Datasheet(HTML) 16 Page - Texas Instruments

Back Button TMP461 Datasheet HTML 12Page - Texas Instruments TMP461 Datasheet HTML 13Page - Texas Instruments TMP461 Datasheet HTML 14Page - Texas Instruments TMP461 Datasheet HTML 15Page - Texas Instruments TMP461 Datasheet HTML 16Page - Texas Instruments TMP461 Datasheet HTML 17Page - Texas Instruments TMP461 Datasheet HTML 18Page - Texas Instruments TMP461 Datasheet HTML 19Page - Texas Instruments TMP461 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 36 page
background image
16
TMP461-SP
SBOS876B – SEPTEMBER 2017 – REVISED FEBRUARY 2020
www.ti.com
Product Folder Links: TMP461-SP
Submit Documentation Feedback
Copyright © 2017–2020, Texas Instruments Incorporated
Programming (continued)
Table 4. TMP461-SP Slave Address Options
A1 CONNECTION
A0 CONNECTION
SLAVE ADDRESS
BINARY
HEX
GND
GND
1001 000
48
GND
Float
1001 001
49
GND
V+
1001 010
4A
Float
GND
1001 011
4B
Float
Float
1001 100
4C
Float
V+
1001 101
4D
V+
GND
1001 110
4E
V+
Float
1001 111
4F
V+
V+
1010 000
50
7.5.1.4 Read and Write Operations
Accessing a particular register on the TMP461-SP device is accomplished by writing the appropriate value to the
pointer register. The value for the pointer register is the first byte transferred after the slave address byte with the
R/W bit low. Every write operation to the TMP461-SP device requires a value for the pointer register (see
Figure 15).
When reading from the TMP461-SP device, the last value stored in the pointer register by a write operation is
used to determine which register is read by a read operation. To change which register is read for a read
operation, a new value must be written to the pointer register. This transaction is accomplished by issuing a
slave address byte with the R/W bit low, followed by the pointer register byte; no additional data are required.
The master can then generate a start condition and send the slave address byte with the R/W bit high to initiate
the read command; see Figure 16 for details of this sequence.
If repeated reads from the same register are desired, continually sending the pointer register bytes is not
necessary because the TMP461-SP retains the pointer register value until it is changed by the next write
operation. The register bytes are sent MSB first, followed by the LSB. However, to mitigate effects of single-event
upsets and single-event functional interrupts, it is recommended that appropriate value be written to the pointer
register each time a read operation is performed. Relying on the last value stored in the pointer register may
increase the probability of a failed read due to a single event upset.
Terminate read operations by issuing a not-acknowledge command at the end of the last byte to be read. For a
single-byte operation, the master must leave the SDA line high during the acknowledge time of the first byte that
is read from the slave.
7.5.1.5 Timeout Function
The TMP461-SP device resets the serial interface if either SCL or SDA are held low for 25 ms (typical) between
a start and stop condition. If the TMP461-SP device is holding the bus low, the device releases the bus and waits
for a start condition. To avoid activating the timeout function, maintaining a communication speed of at least 1
kHz for the SCL operating frequency is necessary.
7.5.1.6 High-Speed Mode
For the two-wire bus to operate at frequencies above 1 MHz, the master device must issue a high-speed mode
(HS-mode) master code (0000 1xxx) as the first byte after a start condition to switch the bus to high-speed
operation. The TMP461-SP device does not acknowledge this byte, but switches the input filters on SDA and
SCL and the output filter on SDA to operate in HS-mode, thus allowing transfers at up to 2.17 MHz. After the HS-
mode master code is issued, the master transmits a two-wire slave address to initiate a data transfer operation.
The bus continues to operate in HS-mode until a stop condition occurs on the bus. Upon receiving the stop
condition, the TMP461-SP device switches the input and output filters back to fast mode operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com